Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # CMD
Description  Universal AC Current Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CMD Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  CMD Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
198
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
CONTROL VOLTAGE 24 or 120 VAC; 50/60 Hz, 24 VDC
OUTPUT
DPDT, 10 Amp @ 120 VAC Resistive
RESPONSE TIME
Operate
0.1 to 10 SEC Adjustable
Release
0.3 to 30 SEC Adjustable
INDICATORS
Glows when relay is energized
RESET
Automatic
HYSTERESIS
5%
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
SOCKETS
RB-08 or PF083A
ENCLOSURE
Lexan Dust Cover; 8-Pin plug-in
WEIGHT
13 oz
Universal AC Current Monitor
OPERATION
The CMD Series may be used as an OVER CURRENT Monitor or an
UNDER CURRENT Monitor.
The CMD has adjustable Delay-on-Operate and adjustable Delay-on-
Release time delays. When the current exceeds the preset current trip
point for longer than the Delay-on-Operate time delay, the internal
relay will energize (Pick-up). When the current drops below the preset
current trip point for longer than the Delay-on-Release time delay, the
internal relay will de-energize (Drop-out). When used as an over cur-
rent monitor the Delay-on-Operate time delay is used to override inrush
periods. When used as an under current monitor, the Delay-on-Release
timer is used to override a temporary under current condition.
An External CT may be used to extend the range of the Current Monitor.
SPECIFICATIONS
WIRING
DIMENSIONS (INCHES)
MODEL NUMBER
CMD
S
E
CONTROL VOLTAGE
24 Volts
24
120 Volts
120
TYPE OF CONTROL VOLTAGE
AC
A
DC
D
CURRENT TRIP POINTS
0.05 to 0.25 amp adj. max continuous 3.4 amps
.25
0.2 to 1 amp adj. max continuous 11.9 amps
1
1.0 to 5.0 amps adj. max continuous 13.4 amps
5
2.0 to 10 amps adj. max continuous 25 amps
10
4.0 to 20 amps adj. max continuous 25 amps
20
MODEL NUMBER


Similar Part No. - CMD

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
CMD ADVANCEDENERGY-CMD Datasheet
877Kb / 7P
EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
10.20
logo
Tyco Electronics
CMD-0-9 MACOM-CMD-0-9 Datasheet
5Mb / 85P
tyco electronics contents
CMD-0-9-REFILL MACOM-CMD-0-9-REFILL Datasheet
5Mb / 85P
tyco electronics contents
logo
Eldeco Srl
CMD-3.81-H ELDECO-CMD-3.81-H Datasheet
301Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
CMD-3.81-HF ELDECO-CMD-3.81-HF Datasheet
310Kb / 1P
Standard : UL - IEC 300V - 250V 8A - 7A
More results

Similar Description - CMD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
CURRENT SHUNT MONITOR
logo
ATMEL Corporation
U4793B ATMEL-U4793B Datasheet
130Kb / 6P
CURRENT MONITOR IC
U4793B ATMEL-U4793B_05 Datasheet
178Kb / 8P
Current Monitor IC
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
Texas Instruments
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
Current Shunt Monitor
logo
Tripp Lite. All Rights ...
MR1612 TRIPPLITE-MR1612 Datasheet
489Kb / 2P
Universal Monitor Riser
logo
Texas Instruments
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
Current-Shunt Monitor
logo
Tripp Lite. All Rights ...
MR2208G TRIPPLITE-MR2208G Datasheet
481Kb / 2P
Universal Glass-Top Monitor Riser
DMA1327SD TRIPPLITE-DMA1327SD Datasheet
158Kb / 3P
Universal Dual-Monitor Mount Adapter
MR1815SWVL TRIPPLITE-MR1815SWVL Datasheet
163Kb / 2P
Universal Swivel Monitor Stand/Riser
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com