Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5710A/D Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 5710A/D
Description  Hour Meter / Counter Totalizer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

5710A/D Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  5710A/D Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
51
Automatic Timing & Controls
800.727.5646
atcdiversified.com
36 x 72mm
FEATURES
DIMENSIONS (MILLIMETERS)
(Panel cut out : 29mm x 71mm)
TERMINAL CONNECTIONS
5710A
5710D
ORDERING INFORMATION
PART NO.
5710A
5710D
SUPPLY VOLTAGE
90 to 270V AC/DC
12-24 V DC
• 6 digits Time / Count totalizer
• 7 segment white LED display
• Inbuilt sensor supply
• Compact size
• Selectable least count (for timer)
SPECIFICATIONS
DISPLAY SPECIFICATIONS
Display
6 digits, 7 segment white LED display
INPUT SPECIFICATIONS
Sensor Type
NPN / PNP
Input Type
Counter: 5 to 30V DC from
proximity switches, proportional
encoders, potential free contacts,
limit switches etc.
Timer: Potential free contact
Input Speed
For Counter Only:
1) 20Hz (DIP 1 ON)
2) 5KHz (DIP 1 OFF)
OUTPUT SPECIFICATIONS
Sensor Supply
Inbuilt, 12V DC @ 60mA
FUNCTIONAL SPECIFICATIONS
Range
Counter: 999999 counts
Timer: a) 99999.9 sec
b) 999999 sec
c) 99999.9 min
d)999999 min
e) 99999.9 hrs
f) 999999 hrs
Counting Direction
Up
Reset
1) For counter - front panel
reset key or remote reset
2) For timer - remote reset
Memory Retention
10 years
AUXILIARY SUPPLY SPECIFICATIONS
Supply Voltage
90 to 270V AC/DC Model 5710A
12 to 24V DC Model 5710D
Power Consumption
5VA max
ENVIRONMENTAL SPECIFICATIONS
Temperature
Operating: 0 to 50°C (32 to 122°F)
Storage: -20 to 75°C (-4 to 167°F)
Humidity
95% RH
(non-condensing)
MECHANICAL SPECIFICATIONS
Mounting
Panel mount
Weight
140 gms
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Hour Meter / Counter Totalizer


Similar Part No. - 5710A/D

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
3 Diameter Single Turn Wirewound Precision Potentiometer
logo
TT Electronics.
5710 TTELEC-5710 Datasheet
763Kb / 4P
Single Turn Precision Potentiometer
logo
Bourns Electronic Solut...
5710-RC BOURNS-5710-RC Datasheet
474Kb / 1P
High Current Toroid Inductors
logo
Littelfuse
57100000001 LITTELFUSE-57100000001 Datasheet
775Kb / 1P
570/571/576 Series Fuse Holders with Cap for TE5/TR5 Type Fuses
Revised: 01/15/19
571007 LITTELFUSE-571007 Datasheet
80Kb / 1P
FOR 3AG, 5 x 20mm, OR MIDGET FUSES
More results

Similar Description - 5710A/D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LH2H-F-DHK PANASONIC-LH2H-F-DHK Datasheet
167Kb / 8P
DIN HALF SIZE HOUR METER
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
Low-Cost Watt-Hour Energy Meter
logo
Mini-Circuits
FCPM-6000RC MINI-FCPM-6000RC Datasheet
624Kb / 8P
Integrated Frequency Counter & Power Meter
logo
FOTEK CONTROLS CO., LTD...
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
DIN 72x72 COUNTER&METER
logo
NHP Electrical Engineer...
D20-240V NHP-D20-240V Datasheet
607Kb / 2P
HOUR RUN METER 240V AC (ANYA3)
11 October 2022,
RQ4801080VDC NHP-RQ4801080VDC Datasheet
947Kb / 2P
HOUR RUN METER 10-80V DC
25 March 2023,
RQ48024VAC NHP-RQ48024VAC Datasheet
948Kb / 2P
HOUR RUN METER 24V 50Hz AC
11 October 2022,
RQ480415VAC NHP-RQ480415VAC Datasheet
948Kb / 2P
HOUR RUN METER 415V 50Hz AC
11 October 2022,
RQ720240V NHP-RQ720240V Datasheet
948Kb / 2P
HOUR RUN METER 240V 50Hz AC
11 October 2022,
RQ72024V NHP-RQ72024V Datasheet
948Kb / 2P
HOUR RUN METER 24V AC
11 October 2022,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com