Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPA2 Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # MPA2
Description  Motor Protection Analyzer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

MPA2 Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  MPA2 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. MPA2 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
156
FUNCTIONS & RANGE OF APPLICATIONS
The MPA2 provides electrical protection through general func-
tions and setting ranges for intended use listed as follows:
VOLTAGE
Overvoltage: 5% up to 20% rated voltage
DETECTION
Undervoltage: -20% up to -5% rated voltage
Unbalance: 2% up to 10% rated voltage
Single Phasing: (IN 33% - OUT 28%)
RECOVERY &
Start Up Delay after Voltage fault: 0 to 600 sec
DETECTION
Voltage Fault detection time: 1 to 30 sec
TIME
Phase Reversal detection time: <1 sec
FREQUENCY
Frequency Shift: +/-2% up to +/-10% rated
DETECTION
frequency
CURRENT
Overcurrent: 5% up to 25%
DETECTION
Undercurrent: Adjustable by PF or by I nominal
Unbalance: CUB > 48 %
Single Phasing: CUB > 60 %
POWER FACTOR Power Factor: 0.0 up to 1.0
DETECTION
THERMAL CLASS Thermal Class: 5 to 30 (in step of one by one)
IEC 60255-8
Diversified Electronics
800.727.5646
atcdiversified.com
PHYSICAL FEATURES
ATTENTION:
Only qualified technicians with knowledge about overload
protection relay and associated machinery should do the
installation, starting up, and maintenance of the system.
Failure to comply may result in equipment damage and/or
personal injury.
SAFETY INFORMATION
NOTICE:
This product has been designed for industrial environments.
Use of this product in residential environments may cause
unwanted electromagnetic disturbances in which case the
user may be required to take adequate mitigation measures.
Failure to comply may result in equipment damage and/or
personal injury.
CONSIDERATION REGARDING EMC
MODEL NUMBER
MODEL NUMBER
MPA2
VOLTAGE
208/220/240 V~
240
440/480 V~
480
AMPERAGE
1-4 A
04
3.5-12.5 A
12
10-32 A
32
25-80 A
80
External Current Transformer
CT
ACCESSORIES
Standard RS485 Communications Cable
MPA2-COM
Current Transformer 30/5 amp
CT30/5
Current Transformer 50/5 amp
CT50/5
Current Transformer 100/5 amp
CT100/5
Current Transformer 200/5 amp
CT200/5
Current Transformer 500/5 amp
CT500/5
Current Transformer 1000/5 amp
CT1000/5
STANDARD STOCK
MPA2-240-CT
MPA2-480-32
MPA2-480-80
MPA2-480-CT
MPA2-COM
Diversified Electronics
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com