Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # PRT
Description  Phase Rotation Tester
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

PRT Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  PRT Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
238
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
Phase Rotation Tester
SUPPLY VOLTAGE
20 to 600 VAC, 50/60/400 Hz
SENSOR VOLTAGE
12 VDC
ABSOLUTE
700 VAC, Phase-to-Phase
MAXIMUM
VOLTAGE
BATTERY
9V, Included
ISOLATION
3000 VAC, Leads to User
ROTATION/
Red
Phase Loss/No Voltage
SEQUENCE
Yellow
Low Battery
OPERATOR
Momentary Test Button
CONTROL
INDICATORS
Green
Normal Rotation/Sequence
Red
Reverse
TEMPERATURE
Operate
32° to 113°F (0° to +45°C)
Storage
-40° to 140°F (–40° to +60°C)
RESPONSE TIMES
100ms
LEADS
18", color coded, battery clip type
DIMENSIONS
3.75 x 2.625 x 1.5 inches
WEIGHT
NET: 4.16 oz
SPECIFICATIONS
OPERATION
DIMENSIONS (INCHES)
MODEL NUMBER
DESCRIPTION
PRT-100
Phase Rotation Test
ORDERING INFORMATION
The PRT-100 is a hand-held tester that takes the guesswork out of con-
necting a 3-phase motor. The direction of rotation of a motor depends
on phase sequence of the power line connections. If the sequence is
reversed, the motor will run in the wrong direction, possibly damaging
the equipment connected to the motor. The PRT-100 identifies the leads
of a three-phase motor and detects the sequence of a three-phase
power line. Once the motor and line leads are properly identified, the
motor can be wired so that it turns in the desired direction on the first
try. The unit also detects phase loss and no voltage conditions.
To identify the leads of a three-phase line, connect the tester to the en-
ergized line and press the test button. Either the normal or reverse LED
will glow. If the reverse LED glows, switch two leads and press the test
button again. The normal LED should now glow. Label the three-phase
line conductors according to the marking on the tester. If the loss LED
glows, a phase loss or no voltage condition exists, and the normal and
reverse LEDs are meaningless. Correct the loss condition and retest.
To identify the leads of a three-phase motor, connect the tester to the
de-energized motor, turn the rotor in the desired direction, and press
the test button. If the reverse LED glows, switch two leads and repeat.
The normal LED should now glow. Label the motor leads according to the
markings on the tester. NOTE: the loss LED will glow during motor testing.
This is normal since the turning motor generates less than 20 volts.
De-energize the three-phase line and connect the line conductors to the
matching motor leads. When the motor is energized, it will run in the
desired direction.


Similar Part No. - PRT

ManufacturerPart #DatasheetDescription
logo
Heyco.
PRT HEYCO-PRT Datasheet
102Kb / 1P
HEYCaps™ and Plugs for Round Tubing
logo
SparkFun Electronics
PRT-00091 SPARKFUN-PRT-00091 Datasheet
159Kb / 1P
9V Snap Connector
4/12/2016
PRT-00449 SPARKFUN-PRT-00449 Datasheet
100Kb / 1P
SparkFun RS232 Shifter - SMD
PRT-07840 SPARKFUN-PRT-07840 Datasheet
98Kb / 1P
Solar Cell Large - 2.5W
11/10/2015
PRT-07845 SPARKFUN-PRT-07845 Datasheet
95Kb / 1P
Solar Cell Small - 0.45W
11/10/2015
More results

Similar Description - PRT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E-326 MACOM-E-326 Datasheet
30Kb / 1P
Phase Rotation Sensor 1 Amp, 115 VAC
logo
Extech Instruments Corp...
380974 EXTECH-380974 Datasheet
213Kb / 1P
AC Clamp Meter Phase Rotation Tester
480300 EXTECH-480300 Datasheet
121Kb / 2P
Phase Rotation Tester
480303 EXTECH-480303 Datasheet
163Kb / 2P
Motor Rotation and 3-Phase Tester
480400 EXTECH-480400 Datasheet
131Kb / 6P
Phase Sequence Tester
480403 EXTECH-480403 Datasheet
161Kb / 7P
Phase Sequence and Motor Rotation Tester
PRT200 EXTECH-PRT200 Datasheet
208Kb / 1P
Non-Contact Phase Sequence Tester
480400 EXTECH-480400_15 Datasheet
150Kb / 1P
Phase Sequence Tester
MA640-K EXTECH-MA640-K Datasheet
597Kb / 1P
Phase Rotation/Clamp Meter Test Kit
logo
List of Unclassifed Man...
PRM-3 ETC2-PRM-3 Datasheet
444Kb / 1P
PRM-2 PRM-3 Phase Sequence & Motor Rotation Tester
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com