Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB20T Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # MPB20T
Description  MOTOR PROTECTION CIRCUIT BREAKERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

MPB20T Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  MPB20T Datasheet HTML 1Page - Automatic Timing & Controls, Inc. MPB20T Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conformity to Standards:
UL 508, 60947-4-1A
CSA C22.2 No. 14
IEC 60947-1, 60947-4-1
Certifications:
UL File #: E187641 (Guide NLRV, NLRV7),
E312106 (Guide NKJH, NKJH7)
CE Marked (per EU Low Voltage Directive
2006/95/EC and RoHS Directive
2011/65/EU)
SPECIFICATIONS
UNITS
ELECTRICAL GENERAL
Rated Operating Current
A
32
Current Setting Range 
A
0.1 ~ 32
Magnetic Trip Current
A
13x Rated Operating Current
Power Operating Frequency
Hz
50/60
Electrical Life
Ops.
100,000
Max. Operating Rate
Ops./Hr.
15
ELECTRICAL UL/CSA APPLICATIONS
Rated Operating Voltage, Ue
VAC
600
RATED 1 PHASE OPERATING POWER, Pe
115V
HP
2
230V
HP
5
RATED 3 PHASE OPERATING POWER, Pe
200V
HP
10
230V
HP
10
460V
HP
20
575V
HP
25
MANUAL MOTOR CONTROLLER, MAX. SHORT CIRCUIT CURRENT
@ 480V
kA
50
@ 600V
kA
25
MANUAL MOTOR CONTROLLER IN GROUP INSTALLATIONS, MAX. SHORT CIRCUIT CURRENT
@ 480V
kA
50
Max. Fuse
A
450
@ 600V
kA
25
Max. Fuse
A
450
MANUAL MOTOR CONTROLLER SUITABLE FOR TAP CONDUCTOR PROTECTION IN GROUP
INSTALLATIONS, MAX. SHORT CIRCUIT CURRENT
@ 480V
kA
50
Max. Fuse
A
450
@ 600V
kA
25
Max. Fuse
A
450
MECHANICAL
Mechanical Life
Ops.
100,000
ENVIRONMENTAL
Ambient Operating Temp.
°C / °F
-20 to 60 / -4 to 140
Ambient Storage Temp.
°C / °F
-50 to 80 / 58 to 176
Altitude
m / ft.
2,000 / 6,562
Shock
g
15
ROHS COMPLIANCE
 MPCB with thermal and magnetic trip elements only.
 Not to exceed the max. fuse/circuit breaker size, per the National Electrical Code.
MOTOR PROTECTION CIRCUIT BREAKERS
DIMENSIONS
PROVEN
TRIP CHARACTERISTICS
Multiple of Operating Current (Ie)
1
1.5
23
45 67 8 910152030
600
1
40
3-phase
20
4
2
1
100
2h
60
40
20
10
6
4
2
400
200
100
60
40
20
10
6
4
For magnetic only curve, refer to www.ATCDiversified.com
MPCB with Thermal and Magnetic Trip Elements
TOLERANCE
XXX. +/- 1.00
XX.X +/- 0.30
X.XX +/- 0.10
ANGLES +/- 0.5 DEG
UNLESS OTHERWISE
SPECIFIED
This drawing is the property
of c3controls. This drawing
may not be copied, used or
disclosed, for any purpose
except as authorized in
writing by c3controls.
Units:
P.O. BOX 496
BEAVER, PA 15009
www.c3controls.com
Drawn By:
Modeled By:
Approved By:
Created On:
Rev #:
Scale:
Size:
Part Number:
Description:
mm [in]
c
c controls®
D. Hehman
D. Hehman
4/9/2014
1
C
1:1
12M10002G01
32A MPCB Assembly - Type E; Mounting Foot (Qty:
4), Side Mounted Auxiliary, Trip Indicating Module
1
04/11/2014
Drawing released for catalog pages and models only
DH
REVISION HISTORY
REV
DATE
DESCRIPTION
CHGD BY APVD BY
30mm
(1-3/16”)
107.9mm
(4-1/4”)
ø
4.8mm
(3/16”)
77.5mm
(3-7/128”)
77.5mm
(3-7/128”)
10
2-phase



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com