Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVL17B1 Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # OVL17B1
Description  BIMETALLIC OVERLOAD RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

OVL17B1 Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  OVL17B1 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. OVL17B1 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conformity to Standards:
UL 508, 60947-4-1A
CSA C22.2 No. 14
IEC 60947-1, 60947-4-1
Certifications:
UL File #: E68568 (Guide NKCR, NKCR7)
CE Marked (per EU Low Voltage Directive
2006/95/EC and RoHS Directive
2011/65/EU)
SPECIFICATIONS
OVL-B1
OVL-B2
UNITS
ELECTRICAL GENERAL
Current Setting Range
A
0.28 ~ 32
25 ~ 50
Operating Frequency
Hz
0 ~ 400
Power Dissipation per Pole
W
1.3 ~ 2.0
ELECTRICALUL/CSAAPPLICATIONS
MAIN CIRCUITS
Rated Operating Voltage, Ue
VAC
600
Standard Short Circuit Current
kA
5
Max. Fuse Size
A
90
125
High Fault Short Circuit Current
kA
100
Max. Fuse Size (Class J)
A
60
CONTROL CIRCUITS
Pilot Duty Rating
AC: C600
DC: R300
ELECTRICAL IEC APPLICATIONS
MAIN CIRCUITS
Rated Insulation Voltage, Ui
V
690
Rated Impulse Voltage, Uimp
kV
6
Rated Operating Voltage, Ue
VAC
690
Max.RatedOperatingCurrent,le
A
32
50
Max. Fuse Size
A
63
100
CONTROL CIRCUITS
Rated Insulation Voltage, Ui
V
690
Rated Operating Current, le
@ 24V
A
AC-15 : 4
DC-13 : 1
@ 48V
A
AC-15 : 3.5
DC-13 : 0.5
@ 60V
A
AC-15 : 3.5
DC-13 : 0.5
@ 110V
A
DC-13 : 0.25
@ 120V
A
AC-15 : 3
@ 220V
A
DC-13 : 0.1
@ 230V
A
AC-15 : 2
@ 250V
A
DC-13 : 0.1
@ 400V
A
AC-15 : 1.5
@ 500V
A
AC-15 : 0.5
@ 690V
A
AC-15 :
0.3
Max. Fuse Size (gL/gG)
A
6
ENVIRONMENTAL
Ambient Operating Temp.
°C / °F
-25 to +60 / -13 to +140
Ambient Storage Temp.
°C / °F
-40 to +70 / -40 to +158
Altitude
m / ft.
2,000 / 6,562
CONSTRUCTION
Number of Poles
uL
3
Trip Class
uL
10
ROHS COMPLIANCE
Varies by current adjustment range of overload relay.
BIMETALLIC OVERLOAD RELAYS
PROVEN
min
180
120
90
60
40
20
10
6
4
2
1
sec
60
40
20
10
6
54
2
1
0.6 0.8
1
1.5
2
3
4
5 6
8 10
Multiple of Current Setting
2-Phase
3-Phase
TRIP CHARACTERISTICS
For Series OVL-B1 & OVL-B2
2A
69.79mm
(2-3/4”)
45mm
(1-99/128”)
82.5mm
(3-1/4”)
DIMENSIONS
Series OVL-B1
*
*
*
*
Series OVL-B2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com