Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBOX-B-202-RPL Datasheet(PDF) 2 Page - Kontron

Part # KBOX-B-202-RPL
Description  High Performance Embedded Box PC with Versatile Expansion Capabilities
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

KBOX-B-202-RPL Datasheet(HTML) 2 Page - Kontron

  KBOX-B-202-RPL Datasheet HTML 1Page - Kontron KBOX-B-202-RPL Datasheet HTML 2Page - Kontron KBOX-B-202-RPL Datasheet HTML 3Page - Kontron KBOX-B-202-RPL Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron.com
KBox B-202-RPL
Technical Information
SMART PERFORMANCE
SMART STORAGE
PROCESSORS
CPU
MAX. NUMBER OF CORES
MAX. SPEED
SYTEM CHIPSET
BIOS
14th Gen Intel® Core™ i3-14100T/i5-14500T/i7-14700T/i9-14900T or
13th Gen Intel® Core™ i3-13100E/i5-13500E/i7-13700E/i9-13900E or
Pentium® G7400E
24-Core (8x P-Core + 16x E-Core)
P-Core: 1.8 GHz/5.2 GHz (Burst)
E-Core: 1.3 GHz
Intel® Q670E
AMI® Aptio 5.x
MEMORY
TECHNOLOGY
MAX. CAPACITY
SOCKET
DDR5 4800/5600* MHz
Up to 64 GByte
2x SODIMM
GRAPHICS
GRAPHICS CORE
MAX. RESOLUTION
Intel® Core™ i5/i7/i9: Intel® UHD Graphics 770
Intel® Core™ i3: Intel® UHD Graphics 730
7680 x 4320 @ 60Hz
FRONT INTERFACES
USB
BUTTON / LED
2x USB 3.2 Gen1
Power Button with power LED
REAR INTERFACES
GRAPHICS PORTS
USB
ETHERNET
SERIAL PORTS
AUDIO
4x DisplayPort
3x USB 3.2 Gen 2, 1x USB 3.2 Gen 2 (Type-C ), 2x USB 3.2 Gen1, 2x USB 2.0
1x 2.5GbE: Intel® i226LM (Wake-on-LAN)
1x GbE: Intel® i219LM (Wake-on-LAN)
1x COM port RS232
1x Line in, 1x Line out
STORAGE
M.2 PCIE/NVME
DRIVE BAY
DRIVE EXPANSION
1x M.2 Key-M 2242 socket
1x 2.5” SSD SATA III / SATA-600
1x M.2 Key-M 2242 socket
1x 2.5” SSD SATA III / SATA-600
2x 2.5” SSD or
1x 3.5” HDD or
2.5” removable drive bays (RAID)
EXPANSION SLOTS
M.2 WIRELESS
PCIe
1x M.2 Key-E 2230 socket
1x PCIe x16 or 2x PCIe x8
1x M.2 Key-E 2230 socket
1x PCIe x16
EXPANSION CARDS
VIA PCIe SLOT
Option for GbE, 10 GbE or Graphic Cards
SOFTWARE SUPPORT
OPERATING SYSTEM
Windows ® 10 IOT LTSC 2021, Linux
POWER
INPUT VOLTAGE RANGE
90 to 264 VAC (150 W or 270 W**,
external power supply)
24 VDC (optional)
90 to 264 VAC (150 W, external or
internal power supply)
24 VDC (optional)
MECHANICAL
CONSTRUCTION
MOUNTING
DIMENSIONS (W x H x D)
WEIGHT
Steel (Chassis), Aluminum (Front Panel)
Desktop, Wallmount
190 x 120 x 190 mm (7.48” x 4.72” x 7.48”)
approx. 3.0 kg (6.6 lbs)
ENVIRONMENT
COOLING
OPERATING TEMPERATURE
RELATIVE HUMIDITY
With Fan
0 °C to +45 °C (32 °F to 113 °F)
93 % RH at 40 °C, non-condensing
APPROVALS
CERTIFICATIONS
UL 62386 (TÜV)/CB/CE/FCC/UKCA
P-Core: Performance-Core
E-Core: Efficient-Core
* Support for DDR5-5600 pending. Requires Intel® Core™ i7 or i9 processor
** 270 W external power supply only for selected graphics card, other Conifguration with 270 W PSU on request



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com