Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB2301 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB2301
Description  Step-Up DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB2301 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB2301 Datasheet HTML 1Page - Kingbor Technology Co KB2301 Datasheet HTML 2Page - Kingbor Technology Co KB2301 Datasheet HTML 3Page - Kingbor Technology Co KB2301 Datasheet HTML 4Page - Kingbor Technology Co KB2301 Datasheet HTML 5Page - Kingbor Technology Co KB2301 Datasheet HTML 6Page - Kingbor Technology Co KB2301 Datasheet HTML 7Page - Kingbor Technology Co KB2301 Datasheet HTML 8Page - Kingbor Technology Co KB2301 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Block Diagram
Pin Assignment
Part Marking and Package Type
Pin
Name
kB2301
LXXT
SOT-23-3
kB2301
LXXF
SOT-23-5
kB2301
LXXE
SOT-89
kB2301
EXXT
SOT-23-3
kB2301
EXXF
SOT-23-5
kB2301
EXXE
SOT-89
Description
LX
2
5
3
-
-
-
Switching pin
EXT
-
-
-
2
5
3
Buffer output for external transistor
VOUT
3
2
2
3
2
2
Output voltage
EN
-
1
-
-
1
-
Chip enable (active high)
GND
1
4
1
1
4
1
Ground
FB
-
3
-
-
3
-
5V only
kB2301LXXT
kB2301LXXF
kB2301LXXE
kB2301EXXT
kB2301EXXF
kB2301EXXE
KB2301
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
2
2.15V
FB(5V only)
FB(5V only)
FB(5V only)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com