Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3361 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB3361
Description  1.4MHz 800mA High Efficiency Synchronous Step-Down Regulator in SOT23-5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3361 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB3361 Datasheet HTML 1Page - Kingbor Technology Co KB3361 Datasheet HTML 2Page - Kingbor Technology Co KB3361 Datasheet HTML 3Page - Kingbor Technology Co KB3361 Datasheet HTML 4Page - Kingbor Technology Co KB3361 Datasheet HTML 5Page - Kingbor Technology Co KB3361 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KB3361
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
Input Supply Voltage ................................ – 0.3V to 6.5V
RUN, VFB Voltages ..................................... – 0.3V to VIN
SW Voltage .................................. – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) ............. 1A
N-Channel Switch Sink Current (DC) ................. 1A
Minimum ESD Rating (Human Body Mode) .......... 2KV
Operating Temperature Range .............. – 40
°C to 85°C
Junction Temperature ........................................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACkAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ORDER PART
NUMBER
TOP MARKING
361
KB3361
SOT23-5
TJMAX = 125°C, JA = 250°C/ W, JC = 90°C/ W
RUN 1
GND 2
SW 3
5 VFB
4 VIN
TOP VIEW
S5 PACKAGE
x x x x
Date Code with one bottom line
T
A = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C, VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max Units
Step-Down Converter
V
IN
Input Voltage
2.5
6.5
V
V
IN Rising
2.5
V
V
UVLO
UVLO Threshold
Hysteresis
100
mV
V
IN Falling
1.8
V
V
OUT
Output Voltage Tolerance
I
OUT = 0 to 800mA,
-3.5
+3.5
%
V
IN = 2.7V to 6.5V
V
OUT
Output Voltage Range
0.6
V
IN
V
I
Q
Quiescent Current
No Load, 0.6V Adjustable
27
70
µA
Version
I
SHDN
Shutdown Current
EN = AGND = PGND
1.0
µA
I
LIM
P-Channel Current Limit
800
mA
R
DS(ON)H
High Side Switch On Resistance
0.45
Ω
R
DS(ON)L
Low Side Switch On Resistance
0.40
Ω
∆V
Linereg
Line Regulation
V
IN = 2.7V to 6.5V
0.1
%/V
V
OUT
Out Threshold Voltage Accuracy
0.6V Output, No Load
588
600
612
mV
T
A = 25°C
I
OUT
Out Leakage Current
0.6V Output
0.2
µA
R
OUT
Out Impedance
>0.6V Output
250
k
Ω
T
S
Start-Up Time
From Enable to Output
150
µs
Regulation
F
OSC
Oscillator Frequency
T
A = 25°C
1.0
1.4
2.0
MHz
T
SD
Over-Temperature Shutdown Threshold
140
°C
T
HYS
Over-Temperature Shutdown Hysteresis
15
°C
EN
V
EN(L)
Enable Threshold Low
0.6
V
V
EN(H)
Enable Threshold High
1.4
V
I
EN
Input Low Current
V
IN = VOUT = 5.5V
-1.0
1.0
µA
75
90
0V
±
2007-Aug, Rev 1.0
2
kB3361



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com