Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3386ER Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB3386ER
Description  400mA Buck/Boost Charge Pump LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3386ER Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB3386ER Datasheet HTML 1Page - Kingbor Technology Co KB3386ER Datasheet HTML 2Page - Kingbor Technology Co KB3386ER Datasheet HTML 3Page - Kingbor Technology Co KB3386ER Datasheet HTML 4Page - Kingbor Technology Co KB3386ER Datasheet HTML 5Page - Kingbor Technology Co KB3386ER Datasheet HTML 6Page - Kingbor Technology Co KB3386ER Datasheet HTML 7Page - Kingbor Technology Co KB3386ER Datasheet HTML 8Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Part number
Package
Marking
ORDER INFORMATION
PIN DESCRIPTION
PIN CONFIGURATION
2
KB3386
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
400mA Buck/Boost Charge Pump LED Driver
KB3386ER
DFN-10,GREEN
86ER
PIN NUMBER
PIN NAME
DESCRIPTION
1VIN
Input Voltage for the charge pump. Decouple with 2.2 F ceramic
capacitor close to the pins of the IC.
2
C1
Positive input for the external fly capacitor. Connect a ceramic 0.47 F
capacitor close to the pins of the IC.
3
C2
Negative input for the external fly capacitor. Connect a ceramic
0.47 F capacitor close to the pins of the IC.
4
FLASH
Logic input to toggle operation between FLASH and TORCH mode.
In TORCH mode FB is regulated to the internal 50mV reference. In
FLASH mode FB reference voltage can be adjusted by changing the
resistor from RSET pin to ground. Choose the external current sense
resistor (RSENSE) based on desired current in TORCH mode.
5
EN
Shutdown control input. Connect to VIN for normal operation, connect
to ground for shutdown.
6RSET
Connect a resistor from this pin to ground. When in FLASH mode
(FLASH = High) this resistor sets the current regulation point
according to the following: VFB = (1.26V/ RSET)*11.2K .
7
FB
Feedback input for the current control loop. Connect directly to the
current sense resistor.
8SGND
Internal ground pin. Control circuitry returns current to this pin.
9PGND
Power ground pin. Fly capacitor current returns through this pin.
10
VOUT
Charge Pump Output Voltage. Decouple with an external capacitor.
At least 1uF is recommended. Higher capacitor values reduce output
ripple.
XXXX
86ER
yyyy
XXXX: LOT number
yyyy: Data code
TOP VIEW
TOP Marking
: Pin 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com