Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93PW32F Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP93PW32F
Description  CMOS 16-Bit Microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93PW32F Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP93PW32F Datasheet HTML 5Page - Toshiba Semiconductor TMP93PW32F Datasheet HTML 6Page - Toshiba Semiconductor TMP93PW32F Datasheet HTML 7Page - Toshiba Semiconductor TMP93PW32F Datasheet HTML 8Page - Toshiba Semiconductor TMP93PW32F Datasheet HTML 9Page - Toshiba Semiconductor TMP93PW32F Datasheet HTML 10Page - Toshiba Semiconductor TMP93PW32F Datasheet HTML 11Page - Toshiba Semiconductor TMP93PW32F Datasheet HTML 12Page - Toshiba Semiconductor TMP93PW32F Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TMP93PW32
2004-02-10
93PW32-7
3.
Operation
This section describes the functions and basic operational blocks of the TMP93PW32.
The TMP93PW32 has PROM in place of the mask ROM which is included in the TMP93CS32.
The other configuration and functions are the same as the TMP93CS32. Regarding the functions of
the TMP93PW32 (Not described), see the part of TMP93CS32.
The TMP93PW32 has two operational modes: MCU mode and PROM mode.
3.1
MCU Mode
(1) Mode-setting and function
The MCU mode is set by opening the CLK pin (Pin open). In the MCU mode, the
operation is same as TMP93CS32 except the followings.
(2) Memory map
The memory map of TMP93PW32 is not same as that of TMP93CS32.
Figure 3.1.1 shows the memory map in MCU mode. Figure 3.1.2 show that in PROM
mode.
Figure 3.1.1 Memory Map in MCU Mode
Figure 3.1.2 Memory Map in PROM Mode
Internal I/O
(128 bytes)
External memory
Internal RAM
(4 Kbytes)
000000H
000080H
FFFFFFH
FFFF00H
001080H
FE0000H
Interrpt vector table
(256 bytes)
Internal PROM
(128 Kbytes)
00000H
1FFFFH
Internal PROM
(128 Kbytes)
(
= Internal area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com