Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3429 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB3429
Description  Synchronous Boost DC//DC Regullator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3429 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB3429 Datasheet HTML 1Page - Kingbor Technology Co KB3429 Datasheet HTML 2Page - Kingbor Technology Co KB3429 Datasheet HTML 3Page - Kingbor Technology Co KB3429 Datasheet HTML 4Page - Kingbor Technology Co KB3429 Datasheet HTML 5Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-- 2
2 --
T
Ty
yp
piic
ca
all A
Ap
pp
plliic
ca
attiio
on
n
P
Piin
n A
Assssiig
gn
nm
me
en
ntt
O
Or
rd
de
er
r IIn
nffo
or
rm
ma
attiio
on
n
-
:
SYMBOL
DESCRIPTION
Denotes Output voltage:
A : Adjustable Output
Denotes Package Types:
F: SOT-23-6
PIN NUMBER
SOT-23-6
PIN NAME
FUNCTION
1
SW
Switch Output
2
GND
Ground
3
FB
Feedback
4
EN
ON/OFF Control
(High Enable)
5
VOUT
Output
6
VIN
Input
1
2
3
6
5
4
kB3429
GND
SW
FB
EN
V
OUT
VIN
kB3429
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB3429
Ver: 1.3
0.82V-4.4V
Top Marking
Top Marking:
HX-Xh: To manufacture marking after 2007-3-15
XF:
Before 2007-3-15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com