Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3050/A Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3050/A
Description  2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3050/A Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3050/A Datasheet HTML 1Page - AXElite technology co. ltd AX3050/A Datasheet HTML 2Page - AXElite technology co. ltd AX3050/A Datasheet HTML 3Page - AXElite technology co. ltd AX3050/A Datasheet HTML 4Page - AXElite technology co. ltd AX3050/A Datasheet HTML 5Page - AXElite technology co. ltd AX3050/A Datasheet HTML 6Page - AXElite technology co. ltd AX3050/A Datasheet HTML 7Page - AXElite technology co. ltd AX3050/A Datasheet HTML 8Page - AXElite technology co. ltd AX3050/A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.04, 2019
AX3050/A
ABSOLUTE MAXIMUM RATINGS (at TA = 25°C)
Characteristics
Symbol
Rating
Unit
IN to GND
-0.3 to 40
V
LX to GND
-1 to VIN + 1
V
BS to GND
VLX - 0.3 to VLX + 7
V
FB, SENSE1, SENSE2, COMP to GND
-0.3 to + 6
V
Operating Junction Temperature
-40 to 150
°C
Storage Junction Temperature
-65 to 150
°C
Lead Temperature (Soldering 10 sec.)
300
°C
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
75
°C/W
Note : θJA is measured with the PCB copper are (need connect to Exposed pad) of approximately 1
in2(Multi-layer).
ELECTRICAL CHARACTERISTICS
(VIN=12V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Input Voltage
8
-
34
V
OVP detect voltage
VOVP Internal define
-
5.8
-
V
OVP Hysteresis
-
0.3
-
V
Quiescent Current
ICCQ VFB = 1.5V, force driver off.
-
2
-
mA
Standby Supply Current
V0 = 5V, No Load
-
10
15
mA
Line compensation Current
IFB
VSENSE1-VSENSE2=100mV
3.5
5
6.5
uA
Feedback Voltage
0.98
1
1.02
V
High-Side Switch On
Resistance
RDSON VIN=12V, IOUT = 1A
-
150 200 mΩ
Low-Side Switch On
Resistance
RDSON VIN=12V
-
5
-
Ω
Switching Frequency
FOSC
AX3050; IOUT=200mA
80
100 120 KHz
AX3050A; IOUT=200mA
200 250 300 KHz
Maximum Duty Cycle
AX3050
90
93
-
%
AX3050A
87
90
-
%
Minimum On-Time
-
150
-
ns
Secondary Cycle-by-Cycle
Current Limit
Minimum Duty Cycle, no CC
-
2.4
-
A
Reference Voltage of the
Short Circuit Fold back
Comparator
VSCP
-
0.4 0.45
V
Sense Voltage (Bin2)
VSENSE VSENSE1-VSENSE2
95
100 105 mV
Sense Voltage (Bin3)
VSENSE VSENSE1-VSENSE2
85
100 115 mV
Thermal shutdown Temp
TSD
-
140
-
°C
Thermal Shutdown
Hysteresis
TSH
-
30
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com