Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3050AESA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3050AESA
Description  2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3050AESA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3050AESA Datasheet HTML 1Page - AXElite technology co. ltd AX3050AESA Datasheet HTML 2Page - AXElite technology co. ltd AX3050AESA Datasheet HTML 3Page - AXElite technology co. ltd AX3050AESA Datasheet HTML 4Page - AXElite technology co. ltd AX3050AESA Datasheet HTML 5Page - AXElite technology co. ltd AX3050AESA Datasheet HTML 6Page - AXElite technology co. ltd AX3050AESA Datasheet HTML 7Page - AXElite technology co. ltd AX3050AESA Datasheet HTML 8Page - AXElite technology co. ltd AX3050AESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.04, 2019
AX3050/A
FEATURES
- Input Voltage:8V to 34V
- Vout Accuracy (VFB=1V) ±2%
- CC/CV mode(Constant Current and Constant Voltage)
- Up to 2.3A output current
- ±5%/±15% Current limit Accuracy
- Duty ratio:0% to 90% PWM control
- Oscillation frequency:
AX3050: 100KHz
AX3050A: 250KHz
- Thermal Shutdown function.
- Short Circuit Protect (SCP).
- Built-in internal LX N-channel MOS.
- Current mode non-synchronous PWM converter
- External current limit setting.
- Over Voltage Protection 5.8V.
- Built in adjustable line-compensation.
- SOP-8L-EP Pb-Free packages
- RoHS and Halogen free compliance.
BLOCK DIAGRAM
-
+
-
+
-
+
-
S
R
Q
Q
+
FB
1V
1.5V
INTERNAL
REGULATORS
IN
5V
IN
5V
BS
LX
GND
M1
0.15Ω
M2
5Ω
RAMP
CLK
CURRENT
SENSE
AMPLIFIER
CURRENT
COMPARATOR
SHUTDOWN
COMPARATOR
ERROR
AMPLIFIER
OSCILLATOR
100KHz/250KHz
7V
Zener
COMP
+
-
CURRENT
Limit
AMPLIFIER
SENSE1
SENSE2
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com