Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3117ES Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3117ES
Description  PWM Control 3A Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3117ES Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3117ES Datasheet HTML 1Page - AXElite technology co. ltd AX3117ES Datasheet HTML 2Page - AXElite technology co. ltd AX3117ES Datasheet HTML 3Page - AXElite technology co. ltd AX3117ES Datasheet HTML 4Page - AXElite technology co. ltd AX3117ES Datasheet HTML 5Page - AXElite technology co. ltd AX3117ES Datasheet HTML 6Page - AXElite technology co. ltd AX3117ES Datasheet HTML 7Page - AXElite technology co. ltd AX3117ES Datasheet HTML 8Page - AXElite technology co. ltd AX3117ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3117
BLOCK DIAGRAM
OSC.
+
+
Thermal
Shutdown
CONTROL
+
DRIVER
COMP.
SW
COMP.
Current
limit
+
_
AMP
CURRENT
SOURCE
BIAS
1.23V
REFERENCE
2.5 V
REGULATOR
SENSE1
1.00V
140 mV
+
_
AMP
+
_
AMP
0.4 V
SCP
OVP
Line
Compensation
VGATE
VCC
GND
FB
SENSE2
5.80V
START-UP and
Auto restart control
EN/CT
PIN ASSIGNMENT
The package of AX3117/A/B is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
EN/CT
GND
SOP-8L-EP
VCC
VGATE
FB
SENSE2
SW
SW
SENSE1
Name
Description
EN/CT
Shutdown and auto restart
control pin
GND
GND pin
VGATE
Driver gate clamping pin. The pin
must connect a 0.1uF capacitor
to VIN
VCC
Operating voltage input
COMP
Compensation pin
SW
Switch pin. Connect external
inductor and diode here
SENSE1 Current Sense input1
SENSE2 Current Sense input2
FB
Feedback pin
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
ES: SOP-8L-EP
AX3117 X XX X
Packing
Blank : Tube
A : Taping
Frequency/Line Comp.
Blank : 100KHz/320mV
A: 300KHz/320mV
B: 100KHz/150mV
AX 3
Logo
Part number
ID code: internal
WW: 01~52
Y Y W W X
1 1 7
X
Blank: AX3117
A: AX3117A
B: AX3117B
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com