Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3301 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3301
Description  PWM Step-Down Con troller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3301 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3301 Datasheet HTML 1Page - AXElite technology co. ltd AX3301 Datasheet HTML 2Page - AXElite technology co. ltd AX3301 Datasheet HTML 3Page - AXElite technology co. ltd AX3301 Datasheet HTML 4Page - AXElite technology co. ltd AX3301 Datasheet HTML 5Page - AXElite technology co. ltd AX3301 Datasheet HTML 6Page - AXElite technology co. ltd AX3301 Datasheet HTML 7Page - AXElite technology co. ltd AX3301 Datasheet HTML 8Page - AXElite technology co. ltd AX3301 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Oct.16, 2019
AX3301
BLOCK DIAGRAM
GATE
Vcc
Reference Voltage
+
-
Vss
VEN
EN
OCSET
FB
LX
100uA
-
PWM Switched
Control Circuit
Thermal
Shutdown
Oscillation
Circuit
COMP
PIN ASSIGNMET
These packages of AX3301 are MSOP-8L and SOP-8L; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
LX
EN
FB
Vss
Vcc
GATE
Comp
Ocset
MSOP - 8L/SOP - 8L
Name
Description
EN
Shutdown Control Input.
H:normal operation(Step-down)
L:Shutdown mode
Comp
Compensation pin
OCSET
Add an external resistor to set
max switch output current.
VCC
IC power supply pin
GATE
Gate drive for external P-channel
MOSFET.
LX
LX is the current sense input.
VSS
GND pin
FB
Feedback pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com