Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3304/A Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3304/A
Description  PWM Control Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3304/A Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3304/A Datasheet HTML 1Page - AXElite technology co. ltd AX3304/A Datasheet HTML 2Page - AXElite technology co. ltd AX3304/A Datasheet HTML 3Page - AXElite technology co. ltd AX3304/A Datasheet HTML 4Page - AXElite technology co. ltd AX3304/A Datasheet HTML 5Page - AXElite technology co. ltd AX3304/A Datasheet HTML 6Page - AXElite technology co. ltd AX3304/A Datasheet HTML 7Page - AXElite technology co. ltd AX3304/A Datasheet HTML 8Page - AXElite technology co. ltd AX3304/A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.16, 2019
AX3304/A
Thermal Considerations
The SOP-8L package needs a heat sink under most conditions. The heat sink
connect exposed pad of AX3304/A to obtain best effect. The size of the heat sink depends
on the input voltage, output voltage, output current and ambient temperature.
APPLICATION INFORMATION
Setting the Output Voltage
Application circuit item shows the basic application circuit with adjustable output
version. The external resistor sets the output voltage according to the following equation:
VOUT = 1.0V × (1+
6
R
3
R
)
Table 1 Resistor select for output voltage setting
VOUT
R6
R3
5.0V
3K
12K
3.3V
3K6
8K2
Current Limit Protection
The Current limit is set by external resistor (RSENSE), When the VSENSE pin voltage
small than VCC 115mV, the current limit is happened that driver can be turned off. Refer to
the following equation for set up current limit:
SENSE
R
mV
115
=
(A)
Limit
Current
The maximum output current table is shown as below; please refer the table to design.
RSENSE (Ω)
Current Limit (A)
Maximum Output Current (A)
29m
3.96
3.7
38m
3.03
3.0
54m
2.13
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com