Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3304AS Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3304AS
Description  PWM Control Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3304AS Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3304AS Datasheet HTML 1Page - AXElite technology co. ltd AX3304AS Datasheet HTML 2Page - AXElite technology co. ltd AX3304AS Datasheet HTML 3Page - AXElite technology co. ltd AX3304AS Datasheet HTML 4Page - AXElite technology co. ltd AX3304AS Datasheet HTML 5Page - AXElite technology co. ltd AX3304AS Datasheet HTML 6Page - AXElite technology co. ltd AX3304AS Datasheet HTML 7Page - AXElite technology co. ltd AX3304AS Datasheet HTML 8Page - AXElite technology co. ltd AX3304AS Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.16, 2019
AX3304/A
BLOCK DIAGRAM
OSC.
+
+
Thermal
Shutdown
CONTROL
+
DRIVER
COMP.
GATE
COMP.
Current
limit
+
_
AMP
CURRENT
SOURCE
BIAS
1.23V
REFERENCE
2.5 V
REGULATOR
1.00V
115 mV
+
_
AMP
+
_
AMP
0.4V
SCP
OVP
Line
Compensation
VGATE
VCC
GND
FB
VSENSE
1.10V
START-UP and
Auto restart control
EN/CT
OVP
PIN ASSIGNMENT
The package of AX3304/A is SOP-8L; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
EN/CT
GND
SOP-8L
VCC
VGATE
FB
OVP
GATE
VSENSE
Name
Description
EN/CT Shutdown and auto restart control pin
GND
GND pin
VGATE
Driver gate clamping pin. The pin
must connect a 0.1uF capacitor to
VIN
VCC
Operating voltage input
GATE
Switch pin. Connect external inductor
and diode here
VSENSE Voltage Sense input
OVP
Over voltage detect pin
FB
Feedback pin
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
S: SOP-8L
AX3304 X X X
Packing
Blank : Tube
A : Taping
Frequency
Blank : 100KHz
A: 300KHz
A
AX3
Logo
Part number
ID code: internal
WW: 01~52
Blank: AX3304
A: AX3304A
Y Y W W X
3 0 4
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com