Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3704 Datasheet(PDF) 11 Page - AXElite technology co. ltd

Part # AX3704
Description  5V Input 4A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3704 Datasheet(HTML) 11 Page - AXElite technology co. ltd

Back Button AX3704 Datasheet HTML 7Page - AXElite technology co. ltd AX3704 Datasheet HTML 8Page - AXElite technology co. ltd AX3704 Datasheet HTML 9Page - AXElite technology co. ltd AX3704 Datasheet HTML 10Page - AXElite technology co. ltd AX3704 Datasheet HTML 11Page - AXElite technology co. ltd AX3704 Datasheet HTML 12Page - AXElite technology co. ltd AX3704 Datasheet HTML 13Page - AXElite technology co. ltd AX3704 Datasheet HTML 14Page - AXElite technology co. ltd AX3704 Datasheet HTML 15Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3704
Enable
When input voltage is above the under voltage lock-out threshold, AX3704 can be enabled by
pulling the EN pin to above 1.21V. AX3704 is disabled if the EN pin is pulled below 1.11V. The
enable/disable threshold for EN pin is accurately designed to be 1.21V and 1.11V respectively, so
one can also use external resistor divider to program the desired input under-voltage lockout level.
Light Load Operation
In light load condition where the converter operates in discontinuous mode, AX3704 cuts down its
quiescent current to as low as 15uA and achieves excellent light load efficiency.
Theory of Operation
AX3704 is a constant on-time control synchronous step-down converter that offers excellent
transient response over a wide range of input voltage. It achieves superior light-load efficiency with
extremely low quiescent current.
Constant On-time Control
Constant on-time control step-down converters turn on HS immediately when FB droops below
reference. The HS is turned on for a pre-determined period (on-time) of time to ramp up the
inductor current, and then the LS will be turned on to ramp down the inductor current. The cycle
repeats itself if FB droops below reference again. AX3704 uses proprietary technique to take into
account the load current impact and adjusts the on-time accordingly to achieve a constant
switching frequency over entire load current range.
For AX3704, the on-time is approximately:
Due to its immediate response on FB voltage droop and simplified loop compensation, constant
on-time offers a superior transient response compare to traditional fixed frequency PWM control
step-down converters.
Soft Start
AX3704 has built-in soft start of 1msec as well as external programmable soft-start. Connect a
capacitor to SS pin to program desired soft-start time. AX3704 provides a constant charging
current of 2uA from the SS pin. External soft-start time can be programmed as:
The actual soft-start time is the longer one of the programmed value and the internal value.
During the soft start period, output voltage is ramped up linearly to the regulation voltage,
independent of the load current level and output capacitor value.
Current Limit and Hiccup Mode
AX3704 has cycle-by-cycle HS current limit protection to prevent inductor current from running
away. Once HS current limit is triggered, AX3704 will turn on LS and wait for the inductor to drop
down to a pre-determined level before the HS can be turned on again. If this current limit condition
is repeated for a sustained long period of time, AX3704 will consider it over-load or short circuit.
Either way, AX3704 will enter hiccup mode, where it stop switching for a pre-determined period of
time before automatically re-try to start up again. It always starts up with soft-start to limit inrush
current and avoid output overshoot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com