Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702C Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3702C
Description  5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702C Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3702C Datasheet HTML 1Page - AXElite technology co. ltd AX3702C Datasheet HTML 2Page - AXElite technology co. ltd AX3702C Datasheet HTML 3Page - AXElite technology co. ltd AX3702C Datasheet HTML 4Page - AXElite technology co. ltd AX3702C Datasheet HTML 5Page - AXElite technology co. ltd AX3702C Datasheet HTML 6Page - AXElite technology co. ltd AX3702C Datasheet HTML 7Page - AXElite technology co. ltd AX3702C Datasheet HTML 8Page - AXElite technology co. ltd AX3702C Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3703A
- Cycle-by-cycle Current Limit Protection
- Over-Load and Short Circuit Hiccup Mode
- Open Drain Power Good Indication
- Output Discharge
- Available in Small SOT23_5L, SOT23_6L and DFN2x2_8L
- Pb-Free RoHS Compliant
- RoHS and Halogen free compliance.
APPLICATION
-
WiFi RF Moudules
-
Smart Phone and Tablets
-
Solid-State and Hard Disk Drives
-
DC/DC Micro Modules
TYPICAL APPLICATION
VIN
EN
SW
FB
AX3703A
VIN
2.5V~5.5V
1uH
VOUT
1.2V
CIN
10uF
L
R1
200K
R2
200K
COUT
10uF
GND
EN
CFF
10pF
PG
PGOOD
C1
0.1uF
REN 100K
CEN
0.1uF
RPG 100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com