Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1008DA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX1008DA
Description  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1008DA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX1008DA Datasheet HTML 1Page - AXElite technology co. ltd AX1008DA Datasheet HTML 2Page - AXElite technology co. ltd AX1008DA Datasheet HTML 3Page - AXElite technology co. ltd AX1008DA Datasheet HTML 4Page - AXElite technology co. ltd AX1008DA Datasheet HTML 5Page - AXElite technology co. ltd AX1008DA Datasheet HTML 6Page - AXElite technology co. ltd AX1008DA Datasheet HTML 7Page - AXElite technology co. ltd AX1008DA Datasheet HTML 8Page - AXElite technology co. ltd AX1008DA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1008
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is
determined by the difference between input and output and the output current. Guaranteed maximum power
dissipation will not be available over the full input/output range.
Note 3: Output is connected to the multi-layer PCB cupper area 10mm*5.5mm separately. If you need large PD or
lower Tc and Tj, please connect to the large cupper area >>10mm*5.5mm (like 10mm*10mm).
APPLICATION CIRCUIT
(1) EL CAP
5.0V to 3.3V Fixed Mode Regulator
C2
100uF
VIN=5V
VOUT=3.3V/5A
Tab is Vout
VIN
VOUT
GND
C1
100uF
Adjustable Regulator
R1
R2
C2
100uF
Tab is Vout
Adj
C1
100uF
220
100
Ω
Ω
)
R1
R2
(1
VREF
VOUT
VOUT=1.8V/5A
VIN=5V
VIN
VOUT
(2) MLCC
5.0V to 3.3V Fixed Mode Regulator
C2
10uF
VIN=5V
VOUT=3.3V/5A
Tab is Vout
VIN
VOUT
GND
C1
10uF
Adjustable Regulator
R1
R2
C2
10uF
Tab is Vout
Adj
C1
10uF
220
100
Ω
Ω
)
R1
R2
(1
VREF
VOUT
VOUT=1.8V/5A
VIN=5V
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com