Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3055 Datasheet(PDF) 13 Page - AXElite technology co. ltd

Part # AX3055
Description  Wide Input Range CC/CV Step Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3055 Datasheet(HTML) 13 Page - AXElite technology co. ltd

Back Button AX3055 Datasheet HTML 8Page - AXElite technology co. ltd AX3055 Datasheet HTML 9Page - AXElite technology co. ltd AX3055 Datasheet HTML 10Page - AXElite technology co. ltd AX3055 Datasheet HTML 11Page - AXElite technology co. ltd AX3055 Datasheet HTML 12Page - AXElite technology co. ltd AX3055 Datasheet HTML 13Page - AXElite technology co. ltd AX3055 Datasheet HTML 14Page - AXElite technology co. ltd AX3055 Datasheet HTML 15Page - AXElite technology co. ltd AX3055 Datasheet HTML 16Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Oct.08, 2019
AX3055
TYPICAL CHARACTERISTICS (CONTINUOUS)
over current protection
output short circuit protection
high side MOSFET peak current limit
over voltage protection
output short circuit release
20mA load
12Vin to 5Vout
12Vin~24Vin line transient
1A~4.8A load transient
5Vout/20mA load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com