Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1113CF Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX1113CF
Description  400mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1113CF Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX1113CF Datasheet HTML 1Page - AXElite technology co. ltd AX1113CF Datasheet HTML 2Page - AXElite technology co. ltd AX1113CF Datasheet HTML 3Page - AXElite technology co. ltd AX1113CF Datasheet HTML 4Page - AXElite technology co. ltd AX1113CF Datasheet HTML 5Page - AXElite technology co. ltd AX1113CF Datasheet HTML 6Page - AXElite technology co. ltd AX1113CF Datasheet HTML 7Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1113
PIN ASSIGNMENT
The package of AX1113 is SOT89-3L; the pin assignment is given by:
ADJ VOUT VIN
1
3
2
Tab is VOUT
AX1113AF
( A Type )
(GND)
( B Type )
ADJ
VOUT
VIN
1
3
2
Tab is VIN
AX1113BF
(GND)
Name
Description
ADJ
(GND)
A resistor divider from this pin to the VOUT pin
and ground sets the output voltage. (Ground
only for Fixed-Mode)
VOUT
The output of the regulator. A minimum of
10uF capacitor (0.15Ω ≤ ESR ≤ 20Ω) must
be connected from this pin to ground to
insure stability.
VIN
The input pin of regulator. Typically a large
storage capacitor (0.15Ω ≤ ESR ≤ 20Ω) is
connected from this pin to ground to insure
that the input voltage does not sag below the
minimum dropout voltage during the load
transient response. This pin must always be
1.2V higher than VOUT in order for the device
to regulate properly.
ORDER/MARKING INFORMATION
Order Information
Top Marking
AX 1113
X X
Package
F : SOT89-3L
Packing
Blank : Bag
A : Taping
Type
X
A: 3.3V (A Type)
B: 3.3V (B Type)
C: 1.8V (A Type)
D: 1.8V (B Type)
E: ADJ (A Type)
F : ADJ (B Type)
G: 5.0V (A Type)
H: 5.0V (B Type)
1
X
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
Y W
L
Output Type
1 1 3
WW: 01~26(A~Z)
27~52(a~z)
A:AX1113AF
B:AX1113BF
C:AX1113CF
D:AX1113DF
E:AX1113EF
F:AX1113FF
G:AX1113GF
H:AX1113HF
ID code: internal
Part number
Z=2044
:
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
DC Supply Voltage
VIN
-0.3 to 15
V
Operating Junction Temperature Range
TOP
-40 to +125
°C
Maximum junction Temperature
TMJ
150
°C
Power Dissipation
(multi-layer PCB cupper area 5mm*5mm)
TA=25oC, TJ=125oC, SOT89
PD
625
mW
Storage Temperature
TST
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com