Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3070 Datasheet(PDF) 13 Page - AXElite technology co. ltd

Part # AX3070
Description  Wide Input Range CC/CV Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3070 Datasheet(HTML) 13 Page - AXElite technology co. ltd

Back Button AX3070 Datasheet HTML 7Page - AXElite technology co. ltd AX3070 Datasheet HTML 8Page - AXElite technology co. ltd AX3070 Datasheet HTML 9Page - AXElite technology co. ltd AX3070 Datasheet HTML 10Page - AXElite technology co. ltd AX3070 Datasheet HTML 11Page - AXElite technology co. ltd AX3070 Datasheet HTML 12Page - AXElite technology co. ltd AX3070 Datasheet HTML 13Page - AXElite technology co. ltd AX3070 Datasheet HTML 14Page - AXElite technology co. ltd AX3070 Datasheet HTML 15Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.6 Oct.08, 2019
AX3070
TYPICAL CHARACTERISTICS (CONTINUOUS)
CC and CV Mode I-V Curve
12VIN to 5VOUT
COMP Pull Low to Shutdown Output
12VIN to 5VOUT, 100mA load
IOUT vs Efficiency, VOUT=5V
IOUT vs VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com