Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3071 Datasheet(PDF) 11 Page - AXElite technology co. ltd

Part # AX3071
Description  Wide Input Range CC/CV Step Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3071 Datasheet(HTML) 11 Page - AXElite technology co. ltd

Back Button AX3071 Datasheet HTML 7Page - AXElite technology co. ltd AX3071 Datasheet HTML 8Page - AXElite technology co. ltd AX3071 Datasheet HTML 9Page - AXElite technology co. ltd AX3071 Datasheet HTML 10Page - AXElite technology co. ltd AX3071 Datasheet HTML 11Page - AXElite technology co. ltd AX3071 Datasheet HTML 12Page - AXElite technology co. ltd AX3071 Datasheet HTML 13Page - AXElite technology co. ltd AX3071 Datasheet HTML 14Page - AXElite technology co. ltd AX3071 Datasheet HTML 15Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.6 Oct.08, 2019
AX3071
Figure2
12Vin to 5Vout Cable Compensation (RSEN=33mΩ)
Inductor Selection
The inductor maintains a continuous current to the output load. This inductor current
has a ripple that is dependent on the inductance value:
Higher inductance reduces the peak-to-peak ripple current. The tradeoff for high
inductance value is the increase in inductor core size and series resistance, and the
reduction in current handling capability. In general, select an inductance value L based on
ripple current requirement:
RIPPLE
OUTMAX
LX
IN
OUT
IN
OUT
K
I
f
V
)
V
V
(
×
V
=
L
-
where VIN is the input voltage, VOUT is the output voltage, fLX is the switching frequency,
IOUTMAX is the maximum output current, and KRIPPLE is the ripple factor. Typically, choose
KRIPPLE = 30% to correspond to the peak-to-peak ripple current being 30% of the maximum
output current.
With this inductor value, the peak inductor current is IOUT × (1 + KRIPPLE/2). Make sure
that this peak inductor current is less than the controller’s current limit. Finally, select the
inductor core size so that it does not saturate at the peak inductor current.
Input Capacitor
The input capacitor needs to be carefully selected to maintain sufficiently low ripple at
the supply input of the converter. A low ESR capacitor is highly recommended. Since large
current flows in and out of this capacitor during switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 100μF. The best choice is the ceramic
type, however, low ESR tantalum or electrolytic types may also be used provided that the
RMS ripple current rating is higher than 50% of the output current. The input capacitor should
be placed close to the VIN and GND pins of the IC, with the shortest traces possible. In the
case of tantalum or electrolytic types, they can be further away if a small parallel 1μF ceramic
capacitor is placed right next to the IC. Especially C8 capacitor should be placed as close as
possible to the VIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com