Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3077 Datasheet(PDF) 11 Page - AXElite technology co. ltd

Part # AX3077
Description  Wide Input Range CC/CV Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3077 Datasheet(HTML) 11 Page - AXElite technology co. ltd

Back Button AX3077 Datasheet HTML 7Page - AXElite technology co. ltd AX3077 Datasheet HTML 8Page - AXElite technology co. ltd AX3077 Datasheet HTML 9Page - AXElite technology co. ltd AX3077 Datasheet HTML 10Page - AXElite technology co. ltd AX3077 Datasheet HTML 11Page - AXElite technology co. ltd AX3077 Datasheet HTML 12Page - AXElite technology co. ltd AX3077 Datasheet HTML 13Page - AXElite technology co. ltd AX3077 Datasheet HTML 14Page - AXElite technology co. ltd AX3077 Datasheet HTML 15Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.3 Oct.08 2019
AX3077
Output Capacitor
The output capacitor also needs to have low ESR to keep low output voltage ripple.
The output ripple voltage is:
OUT
2
LX
IN
ESR
RIPPLE
OUTMAX
RIPPLE
LC
f
×
28
V
+
R
K
I
=
V
where IOUTMAX is the maximum output current, KRIPPLE is the ripple factor, RESR is the
ESR of the output capacitor, fLX is the switching frequency, L is the inductor value, and
COUT is the output capacitance. In the case of ceramic output capacitors, RESR is very
small and does not contribute to the ripple. Therefore, a lower capacitance value can be
used for ceramic type. In the case of tantalum or electrolytic capacitors, the ripple is
dominated by RESR multiplied by the ripple current. In that case, the output capacitor is
chosen to have sufficiently low ESR.
For ceramic output capacitor, typically choose a capacitance of about 470μF. For
tantalum or electrolytic capacitors, choose a capacitor with less than 50mΩ ESR.
PCB Layout Recommendations
1. PCB trace defined as LX node, which connects to source of switching MOSFET, drain
of rectifying MOSFET and high-voltage side of the inductor, should be as short and
wide as possible.
2. All sensitive analog traces such as SEN1, SEN2, COMP and FB should place away
from high-voltage switching nodes such as LX, UG or LG nodes to avoid coupling.
3. C8 input bypass capacitor should be placed to the VIN pin as close as possible.
4. Connections from the drivers to the respective gate of the high-side or the low-side
MOSFET should be as short as possible to reduce stray inductance. Use a 0.65 mm
(25 mils) or wider trace.
5.
Gather the ground terminals of the VIN capacitor(s), VOUT capacitor(s), and the source
of the low-side MOSFETs as close as possible. Signal ground and power ground
should be connected strongly together near the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com