Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3077EU Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3077EU
Description  Wide Input Range CC/CV Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3077EU Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3077EU Datasheet HTML 1Page - AXElite technology co. ltd AX3077EU Datasheet HTML 2Page - AXElite technology co. ltd AX3077EU Datasheet HTML 3Page - AXElite technology co. ltd AX3077EU Datasheet HTML 4Page - AXElite technology co. ltd AX3077EU Datasheet HTML 5Page - AXElite technology co. ltd AX3077EU Datasheet HTML 6Page - AXElite technology co. ltd AX3077EU Datasheet HTML 7Page - AXElite technology co. ltd AX3077EU Datasheet HTML 8Page - AXElite technology co. ltd AX3077EU Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.3 Oct.08 2019
AX3077
BLOCK DIAGRAM
+
-
0.4V
-
+
VREF
EA
FB
COMP
ramp
VIN
5V
BS
5V
Fault
Logics
UG
LX
+
-
SEN1
0.1V
Cable
compensation
GND
LG
UV
Over Temperature
Protection
UVLO
Internal
Regulator
+
-
0.4V
Current
Sensor1
Current
Sensor2
SEN2
0.1V
Oscillator
120KHz
Gate
Control
Zero
Current
Detection
OCSET
+
-
OV
1.08V
Discharge
10V
PIN ASSIGNMENT
The package of AX3077 are MSOP-10L-EP and TDFN-10L(3*3) the pin assignment is given
by:
(Top View)
1
2
3
4
8
7
6
5
MSOP-10L-EP
VIN
FB
SEN2
COMP
LX
BS
OCSET
UG
9
10
SEN1
LG
AX3077
(GND)
TDFN-10L(3*3)
LG
1
SEN1
10
2
3
4
5
6
7
8
9
VIN
COMP
SEN2
UG
LX
BS
(GND)
FB
OCSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com