Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984 Datasheet(PDF) 11 Page - AXElite technology co. ltd

Part # AX3984
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984 Datasheet(HTML) 11 Page - AXElite technology co. ltd

Back Button AX3984 Datasheet HTML 7Page - AXElite technology co. ltd AX3984 Datasheet HTML 8Page - AXElite technology co. ltd AX3984 Datasheet HTML 9Page - AXElite technology co. ltd AX3984 Datasheet HTML 10Page - AXElite technology co. ltd AX3984 Datasheet HTML 11Page - AXElite technology co. ltd AX3984 Datasheet HTML 12Page - AXElite technology co. ltd AX3984 Datasheet HTML 13Page - AXElite technology co. ltd AX3984 Datasheet HTML 14Page - AXElite technology co. ltd AX3984 Datasheet HTML 15Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
the input capacitance. Due to large di/dt through the input capacitor, electrolytic or ceramics should
be used. If a tantalum must be used, it must be surge-protected. Otherwise, capacitor failure could
occur.
Output Inductor Selection
The output inductor selection is to meet the requirements of the output voltage ripple and affects
the load transient response. The higher inductance can reduce the inductor's ripple current and
induce the lower output ripple voltage. The ripple voltage and current can be approximately
calculated approximated by the following equations:
Vin
V
L
F
V
V
I
out
S
out
in
ESR
I
Vout
Although the increase of the inductance reduces the ripple current and voltage, it contributes to the
decrease of the response time for the regulator to load transient as well. Increasing the switching
frequency (Fs) for a given inductor also can reduce the ripple current and voltage but it will
increase the switching loss of the power MOS.
The way to set a proper inductor value is to have the ripple current (
△I) be approximately
10%~50% of the maximum output current. Once the value has been determined, select an
inductor capable of carrying the required peak current without going into saturation. It is also
important to have the inductance tolerance specified to keep the accuracy of the system controlled.
Using 20% for the inductance (at room temperature) is reasonable tolerance able to be met by
most manufacturers. For some types of inductors, especially those with core made of ferrite, the
ripple current will increase abruptly when it saturates, resulting in a larger output ripple voltage.
Output Capacitors Selection
An output capacitor is required to filter the output and supply the load transient current. The high
capacitor value and low ESR will reduce the output ripple and the load transient drop. These
requirements can be met by a mix of capacitors and careful layout.
In typical switching regulator design, the ESR of the output capacitor bank dominates the transient
response. The number of output capacitors can be determined by the following equations:
OUT
ESR
MAX
I
V
ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com