Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1007F18A Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX1007F18A
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007F18A Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX1007F18A Datasheet HTML 1Page - AXElite technology co. ltd AX1007F18A Datasheet HTML 2Page - AXElite technology co. ltd AX1007F18A Datasheet HTML 3Page - AXElite technology co. ltd AX1007F18A Datasheet HTML 4Page - AXElite technology co. ltd AX1007F18A Datasheet HTML 5Page - AXElite technology co. ltd AX1007F18A Datasheet HTML 6Page - AXElite technology co. ltd AX1007F18A Datasheet HTML 7Page - AXElite technology co. ltd AX1007F18A Datasheet HTML 8Page - AXElite technology co. ltd AX1007F18A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
DC Supply Voltage
VIN
-0.3 to 15
V
Operating Junction Temperature Range
Top
-40 to +125 °C
Maximum junction Temperature
TMJ
150
°C
Power Dissipation (Heat sink area 5mm*5mm.)
TA=25oC, TJ=125oC
SOT-223
PD
1300
mW
TO-252
2200
SOT89
620
Power Dissipation (No heat sink ;No air flow)
TA=25°C, TJ=125°C
SOT-223
PD
850
mW
TO-252
1050
SOT89
330
Storage Temperature
TST
-65 to 150
°C
ELECTRICAL CHARACTERISTICS
(TA=25°C, Under Operating Conditions)
Characteristics
Conditions
Min
Typ
Max Units
Operation Input
Voltage
2.7
-
12
V
Reference Voltage
AX1007-ADJ
IOUT = 10mA,
TJ=25°C,
(VIN-OUT)=1.5V
1.225 1.250 1.275
V
Output Voltage
AX1007-1.2
IOUT=10mA ,
TJ = 25°C,
2.7V≦VIN≦12V
1.176 1.200 1.224
V
AX1007-1.5
IOUT = 10mA ,
TJ = 25°C,
3V≦VIN≦12V
1.470 1.500 1.530
V
AX1007-1.8
IOUT = 10mA,
TJ = 25°C,
3.3V≦VIN≦12V
1.764 1.800 1.836
V
AX1007-2.5
IOUT = 10mA,
TJ = 25°C,
4V≦VIN≦12V
2.450 2.500 2.550
V
AX1007-3.3
IOUT = 10mA,
TJ = 25°C,
4.8V≦VIN≦12V
3.235 3.300 3.365
V
AX1007-5.0
IOUT = 10mA,
TJ = 25°C,
6.5V≦VIN≦12V
4.900 5.000 5.100
V
Line Regulation
AX1007-XXX
IOUT =10mA,
VOUT+1.5V<
VIN<12V, TJ=25°C
(Note 1,2)
-
0.2
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com