Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # CS10
Description  Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS10 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  CS10 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS10 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Campbell Scientific Ltd., Campbell Park, 80 Hathern Road, Shepshed, Loughborough, LE129GX,UK
Tel: +44 (0) 1509 601141 Fax: +44 (0) 1509 601091 Email: sales@campbellsci.co.uk
www.campbellsci.co.uk
CS10 and CS15
Current Transformer
Specifications
Campbell Scientific’s CS10 and
CS15 detect and measure the
ac current along an electrical
wire using the magnetic field that
is generated by that current. The
sensor is external to the wire
jacket and has no direct
electrical connection to the
system. The sensors output a
millivolt signal allowing them to
be directly connected to our
dataloggers.
The CS10 is compatible with our
CR800, CR850, CR1000,
CR3000, CR510, CR10(X), and
CR23X dataloggers. It uses CR
Magnetic’s CR8459 Current
Transformer to measure the
approximate current over a
range of 0.15 A to 200 A.
The CS15 was developed
specifically for our CR200-series
dataloggers. It is a modified
version of the CS10 that measures
the approximate current over a
range of 0.15 A to 125 A.
Both the CS10 and CS15 are
recommended for measurements
that do not require high accuracy.
Ideal applications include motor or
generator load conditions,
efficiency studies, intermittent fault
detection, and rough submetering.
.
Measurement Range
CS10: 0.15 to 200 A
CS15: 0.15 to 125 A
Frequency:
50 Hz and 60 Hz
Insulation Resistance:
100 M ohm @ 500 Vdc
High Potential:
2000 V
Rated Current
CS10: 200 A
CS15: 125 A
Operating
Temperature:
-25° to +55°C
Case Material:
Polypropylene resin
Construction:
Epoxy encapsulated
Accuracy w/10 ohm
burden max.
(resistive):
typically ±5% of actual
value with provided
multiplier
CSL: 853
August 2009
CS10 CR Magnetics Current Transformer with
standard lead length 1.6 m.
CS15 CR Magnetics Current Transformer for
CR200-series. Has standard lead length 1.6 m.
Ordering Information


Similar Part No. - CS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS10 ETC1-CS10 Datasheet
124Kb / 2P
CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
logo
Token Electronics Indus...
CS10 TOKEN-CS10 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS10 ETC-CS10 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
CITIZEN ELECTRONICS CO....
CS10 CITIZEN-CS10 Datasheet
4Mb / 1P
AT-CUT CRYSTAL UNIT
More results

Similar Description - CS10

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60403-F4215-X025 VACUUMSCHMELZE-T60403-F4215-X025 Datasheet
31Kb / 2P
Current Transformer
T60404-E4622-X012 VACUUMSCHMELZE-T60404-E4622-X012 Datasheet
125Kb / 2P
Current transformer
T60404-E4625-X501 VACUUMSCHMELZE-T60404-E4625-X501 Datasheet
46Kb / 2P
Current Transformer
T60404-E4625-X101 VACUUMSCHMELZE-T60404-E4625-X101 Datasheet
41Kb / 2P
Current Transformer
T60404-E4627-X101 VACUUMSCHMELZE-T60404-E4627-X101 Datasheet
46Kb / 2P
Current Transformer
T60404-E4626-X501 VACUUMSCHMELZE-T60404-E4626-X501 Datasheet
106Kb / 2P
Current Transformer
T60404-E4626-X151 VACUUMSCHMELZE-T60404-E4626-X151 Datasheet
174Kb / 2P
Current Transformer
T60404-E4626-X131 VACUUMSCHMELZE-T60404-E4626-X131 Datasheet
68Kb / 2P
Current Transformer
T60404-E4626-X121 VACUUMSCHMELZE-T60404-E4626-X121 Datasheet
58Kb / 2P
Current Transformer
T60404-E4629-X007 VACUUMSCHMELZE-T60404-E4629-X007 Datasheet
38Kb / 2P
Current Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com