Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

009043-RAD14 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # 009043-RAD14
Description  RTD Temperature Probe and Aspirated Radiation Shield
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

009043-RAD14 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  009043-RAD14 Datasheet HTML 1Page - Campbell Scientific United Kingdom 009043-RAD14 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMPONENT
43347 and 43502
RTD Temperature Probe and Aspirated Radiation Shield
Overview
The 43347* is a highly-accurate RTD that often provides
delta temperature measurements for air quality
applications. Typically, it is housed in the 43502* fan-
aspirated radiation shield, which greatly reduces radiation
errors. The 43347 may also be housed in a 41003-5 or
Met21 Naturally Aspirated Shield if fan-driven aspiration is
not required.
www.campbellsci.eu/43347_43502
More info: +44(0) 1509 828 888
Very High Accuracy
Good for air-quality applications
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
Benefits and Features
Uses 1000 Ω RTD for highly accurate air temperature
measurements
Well-suited for air quality applications
43502 fan-aspirated radiation shield reduces radiation errors
for more accurate measurements
Ideal for delta temperature measurements used in
calculating atmospheric stability class
Standard RTD uncertainty is ±0.3ºC. With optional three point
calibration, uncertainty is only ±0.1ºC.
Technical Description
Delta Temperature Measurements
To determine delta temperature, a 43347 probe mounted
in a 43502 shield is attached to the mast of a UT930 tower,
while another 43347 probe mounted in a 43502 shield is
attached to the tower at a 2-m height. The temperature
difference of the two measurement heights is calculated
and used to determine atmospheric stability as required
by the EPA.
43502 Aspirated Radiation Shield
The 43502 employs concentric downward facing intake
tubes and a small canopy shade to isolate the temperature
probe from direct and indirect radiation. The 43347 probe
mounts vertically in the centre of the intake tubes. A
brushless 12 Vdc blower motor pulls ambient air into the
shield and across the probe to reduce radiation errors. This
allows temperature to be measured with an RMS errror of
less than ±0.2ºC. The blower operates off a 230 V to 12 Vdc
transformer that is included with the shield.
*The 43347 and 43502 are manufactured by R. M. Young.
The 43347 probe
The 43502 attached to
a vertical pole


Similar Part No. - 009043-RAD14

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
009043 ERNI-009043 Datasheet
53Kb / 1P
Abgew. PCI Express STV 64pol
More results

Similar Description - 009043-RAD14

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CYN-8Y-001 CYNTEC-CYN-8Y-001 Datasheet
1Mb / 7P
SD50114XXX, PT RTD probe sensor
CYN-8Y-002 CYNTEC-CYN-8Y-002 Datasheet
1Mb / 5P
SD10244XXX, PT RTD probe sensor
logo
Vaisala
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
HMP113 VAISALA-HMP113 Datasheet
195Kb / 3P
Humidity and Temperature Probe
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
Relative Humidity and Temperature Probe
HMP9 VAISALA-HMP9 Datasheet
599Kb / 3P
Compact Humidity and Temperature Probe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com