Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD-152 Datasheet(PDF) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SPD-152
Description  1 Monitor Decoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SPD-152 Datasheet(HTML) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SPD-152 Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SPD-152 Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SPD-152 Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved. SPD-152 Datasheet HTML 4Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
2/4
SPD-152
1 Monitor Decoder
Specifications
System
CPU
Embedded CPU
Operating System
Embedded Linux
Video Output
HDMI#1
1EA (up-to 4K), Audio support
HDMI#2
1EA (up-to 1080p), Audio not support
Video-out Format
3840 X 2160@30Hz (HDMI#1)
2560 X 1440@30Hz (HDMI#1)
1920 X 1080@60Hz (HDMI#1, HDMI#2)
1280 X 1024@60Hz (HDMI#1, HDMI#2)
1280 X 720@60Hz (HDMI#1, HDMI#2)
External
Ethernet
1EA (10/100/1000BASE-T)
USB
2EA(USB 2.0)
LED
Power, Network
Network
Bandwidth
Max. 150Mbps
Environmental
Operating Temperature
0°C to +40°C (32℉ to 104℉)
Operating Humidity
20% ~ 85% RH
Electrical
Power Input
12VDC, PoE (IEEE802.3af)
Power Consumption
Max. 11.0W (12V DC), Max. 12.95W (PoE)
Mechanical
Color / Material
Black / Metal&Plastic
Dimension (WxHxD)
140 x 29.5 x 115.4mm
Weight
260g
Software
Video
Codec
H.265 / H.264 / MJPEG
Max. Decoding Performance
8M@60fps, 2M@360fps
Division (/Monitor)
■ Clone mode
(HDMI#1) Max. 64
■ Expand mode
(HDMI#1) Max. 36 (HDMI#2) Max. 25
Layout
Up to 20, Sequence support
Audio
Codec
G.711 / G.726 / AAC
Management
Local UI, Web-Viewer, SSM
Time Setting
NTP/Manual
Export/Import
Configuration Export/Import
Log
Max. 100,000 (System log)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com