Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPG-PTZ95W Datasheet(PDF) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SPG-PTZ95W
Description  Dome Cover
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SPG-PTZ95W Datasheet(HTML) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SPG-PTZ95W Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SPG-PTZ95W Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SPG-PTZ95W Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
2/3
SPG-PTZ95W
Dome Cover
Specifications
Mechanical
Color
Cover Glass : Transparent
Material
Polycarbonate (PC)
Product dimensions / weight
ø188.1x126.5mm(ø7.41x4.98") / 289g (0.64lb)
Mount Screw size
TR20
Supported products
XNP-C9310R/C7310R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com