Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN40F6300AFXZP Datasheet(PDF) 1 Page - AG Electronica

Part # UN40F6300AFXZP
Description  KIT DE 7 BARRAS BACKLIGHT SAMSUNG 40 TIPO 7L7R
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

UN40F6300AFXZP Datasheet(HTML) 1 Page - AG Electronica

  UN40F6300AFXZP Datasheet HTML 1Page - AG Electronica UN40F6300AFXZP Datasheet HTML 2Page - AG Electronica UN40F6300AFXZP Datasheet HTML 3Page - AG Electronica UN40F6300AFXZP Datasheet HTML 4Page - AG Electronica UN40F6300AFXZP Datasheet HTML 5Page - AG Electronica UN40F6300AFXZP Datasheet HTML 6Page - AG Electronica UN40F6300AFXZP Datasheet HTML 7Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
KIT DE 7 BARRAS BACKLIGHT SAMSUNG 40 TIPO
7L+7R
KIT-SAMSUNG-40-LR
Descripción
El KIT-SAMSUNG-40-LR se conforma de 14 barras para la iluminación de pantallas Backligth
compatibles con televisores de la marca SAMSUNG de 40 pulgadas 7 barras tipo L con 8 Led´s
SMD3030 y 7 barras tipo R con 5 led´s SMD3030 con óptica especial y un ángulo de apertura de 160°,
PCB de 83 cm de largo x 1.2 cm de ancho y 1 mm de grosor, conectores de tipo clip.


Similar Part No. - UN40F6300AFXZP

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN400N26T UNSEMI-UN400N26T Datasheet
5Mb / 8P
N-Channel Enhancement Mode MOSFET
Revision March 1,2022
More results

Similar Description - UN40F6300AFXZP

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
SAMSUNG MultiMediaCard
logo
Hantronix,Inc
HDM40216L HANTRONIX-HDM40216L_15 Datasheet
46Kb / 1P
40 Character x 2 Lines LED Backlight
logo
Rosenberger Hochfrequen...
60GK0KS-010 ROSENBERGER-60GK0KS-010 Datasheet
688Kb / 2P
7/16 GAUGE KIT
07CK010-150 ROSENBERGER-07CK010-150 Datasheet
1Mb / 3P
RPC-7 Calibration Kit
07GK001-010 ROSENBERGER-07GK001-010 Datasheet
524Kb / 2P
RPC-7 GAUGE KIT
logo
Hantronix,Inc
HDM20416L-1-E30S HANTRONIX-HDM20416L-1-E30S Datasheet
36Kb / 2P
40 Character x 4 Lines, LED Backlight
HDM40216L-1-Y10S HANTRONIX-HDM40216L-1-Y10S Datasheet
48Kb / 2P
40 Character x 2 Lines, LED Backlight
HDM40416L-4-L30S HANTRONIX-HDM40416L-4-L30S Datasheet
36Kb / 2P
40 Character x 4 Lines, LED Backlight
logo
Leopard Imaging Inc.
LI-ARTIK-OV5640-KIT LEOPARD-LI-ARTIK-OV5640-KIT Datasheet
1Mb / 4P
Compatible with SAMSUNG ARTIK A710 Kit
logo
ON Semiconductor
NVBG040N120SC1 ONSEMI-NVBG040N120SC1_V01 Datasheet
307Kb / 8P
Silicon Carbide (SiC) MOSFET – 40 mohm, 1200V, M1, D2PAK-7L
May, 2022 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com