Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS700 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # CS700
Description  Hydrological Services Tipping Bucket Rain Gages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS700 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  CS700 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS700 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TB4, TB4MM, CS700, CS700H
Hydrological Services Tipping Bucket Rain Gages
The TB4, TB4MM, CS700, and CS700H are tipping
bucket rain gages manufactured by Hydrological
Services. They funnel precipitation into a mechanism
that tips when filled to the calibrated level. The TB4,
CS700, and CS700H measure in 0.01-in. increments;
the TB4MM measures in 0.2-mm increments.
Each of the rain gage’s tips is marked by a dual reed
switch closure that is recorded by a Campbell Scien-
tific datalogger. After measurement, the water drains
through two orifices (accepts 12 mm tubing) in the
base, allowing the measured water to be collected in
a separate container.
The TB4, TB4MM, CS700, and CS700H are ideal for
locations where intense rainfall events may occur.
They include a siphoning mechanism that allows the
rain to flow at a steady rate regardless of rainfall inten-
sity. The siphon reduces typical rain bucket errors and
produces accurate measurements over a range of 0 to
19.69-in. per hour (50 cm per hour).
Heated Rain Gage
The CS700H is a heated rain gage for measuring the
water content of snow. It includes an internal snow
sensor that is activated when the air temperature drops
below 4°C. If the snow sensor detects snow in the
catch area (funnel), the heating elements automatically
turn on and keep the funnel temperature at +10°C.
The heater goes into a wait mode when snow has not
been detected for 18 minutes. The heating element is
also automatically deactivated when the air tempera-
ture drops below -20°C.
Mounting
The base of the tipping bucket rain gage is supported
by three legs. A CM240 Leveling Base and Mount or
a user-supplied base plate with leveling capability is
required. The CM240 may be attached to a CM300-
series mounting pole, or to a user-supplied, 1.5-in. IPS
(1.9-in. outer diameter), unthreaded pipe. A concrete
pad is recommended.
Wind Screen
Campbell Scientific offers the 260-953 Wind Screen
to help minimize the affect of wind on the rain mea-
surements. This wind screen consists of 32 leaves that
hang freely and swing as wind moves past them.
Both the TB4 and TB4MM have a UV-stabilized plastic base.
The CS700 and CS700H have a powder-coated aluminum base.
The above rain gage is mounted onto a CM310 pole via the
CM240 mount. The CM310 pole is embedded directly in a con-
crete pad (-NP no pedestal base option).
CS700 or CS700H
CM240
CM310-NP
Aluminum Base
7.9-inch Orifice
Plastic
Base
7.9-in. Orifice
Funnel
Debris Screen


Similar Part No. - CS700

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS700 CAMPBELL-CS700 Datasheet
524Kb / 2P
Rain gages and snowfall adapter
03/30/2020
logo
Norgren Ltd
CS7004003 NORGREN-CS7004003 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
CS7004003 NORGREN-CS7004003 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
CS7005003 NORGREN-CS7005003 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
CS7005003 NORGREN-CS7005003 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
More results

Similar Description - CS700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF614A ETC1-MF614A Datasheet
139Kb / 14P
High Speed Digital Services
logo
Zarlink Semiconductor I...
PDSP16540 ZARLINK-PDSP16540 Datasheet
316Kb / 11P
32K BUCKET BUFFER
logo
MRV Communications, Inc...
EM316EFRMAHSH-5 MRV-EM316EFRMAHSH-5 Datasheet
330Kb / 3P
Optical Ethernet Services Demarcation - 802.3ah
logo
Tyco Electronics
1860 MACOM-1860 Datasheet
53Kb / 1P
Farnell Technical Data Services
logo
Taoglas antenna solutio...
A.03.C.1001111 TAOGLAS-A.03.C.1001111 Datasheet
636Kb / 13P
Location based services
logo
ELMOS Semiconductor AG
E527.05 ELMOS-E527.05 Datasheet
299Kb / 2P
HALIOS RAIN AND LIGHT SENSOR
E527.04 ELMOS-E527.04 Datasheet
168Kb / 2P
Rain and Light Sensor
logo
OSRAM GmbH
BPW34SR OSRAM-BPW34SR Datasheet
924Kb / 18P
Rain Sensors
logo
List of Unclassifed Man...
MW79-C ETC-MW79-C Datasheet
66Kb / 1P
Custom Wire Services
1/29/20
logo
Vaisala
RG13 VAISALA-RG13 Datasheet
2Mb / 2P
Rain Gauge RG13, RG13H
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com