Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCF2 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NCF2
Description  Suitable for automobile, automation system, electronic equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NCF2 Datasheet(HTML) 2 Page - DB Lectro Inc

  NCF2 Datasheet HTML 1Page - DB Lectro Inc NCF2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
22.5
16.5
16.5
Small size, light weight.
Low coil power consumption.
Operation noise: less than 5odb.
PC board mounting.
Suitable for automobile, automation system, electronic equipment.
Ordering Information
NCF2 Q
2
1C
DC12V
1
2
3
4
1 Part number
NCF2
2 Noise
NIL: Standard
Q: Quiet
3 Contact arrangement
2
1C
4 Coil rated voltage(V)
DC:12
Dash
numbers
Coil
voltage
VDC
Coil
resistance
10%
Release
voltage
VDC(min)
(8% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Coil Parameter
NCF2
Contact Arrangement
2 1C
2
SPDT(B-M)
H-Bridge
Contact Material
AgSnO
2
Contact Rating (resistive)
NO
20A/14VDC
NC
10A/14VDC
Max. Switching Power
300W
Max. Switching Voltage
16VDC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
Operating
Voltage
Range
VDC
Pickup
voltage
VDC(max)
(60%of rated
voltage )
Rated
012-640
12
10-16
225
7.2
1.0
0.64
10
10
CAUTION: 1.The use of any coil voltage overstep operating voltage range of coil , it will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Sound Pre. Characteristics (Q type)
Operation noise
<50db
Coil voltage :12VDC
Patent No. :01210551.1 01310478.0
Features
Contact Data
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1000V
Item 6 of IEC255-5
Between contact and coil
50Hz 1000V
Item 6 of IEC255-5
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
Dimensions
Mounting (Bottom view)
Wiring diagram
(Bottom view)
2
Shock resistance
Functional
100m/s 11ms;
IEC68-2-27 Test Ea
2
Survival
1000 m/s 6ms
2
Vibration resistance
10~100Hz 45 m/s
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~105
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
17g(Q type ); 15g
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
NO
NC
Operation condition
NCF2
22.5max.
16.5max.
1
4-1.1
0.4
4-0.3
1.1
3.81
7.62
8- 1.5
10.16
mm /inch
0.886max.
0.650max.
0.012
0.043
0.043
0.016
0.039
0.150
0.300
0.400
0.059
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com