Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1205SA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX1205SA
Description  2A Ultra Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1205SA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX1205SA Datasheet HTML 1Page - AXElite technology co. ltd AX1205SA Datasheet HTML 2Page - AXElite technology co. ltd AX1205SA Datasheet HTML 3Page - AXElite technology co. ltd AX1205SA Datasheet HTML 4Page - AXElite technology co. ltd AX1205SA Datasheet HTML 5Page - AXElite technology co. ltd AX1205SA Datasheet HTML 6Page - AXElite technology co. ltd AX1205SA Datasheet HTML 7Page - AXElite technology co. ltd AX1205SA Datasheet HTML 8Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Aug.22, 2019
AX1205
PIN ASSIGNMENT
The package of AX1205 is SOP-8L; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
GND
EN
SOP–8L
Vcc
FB
OUT
OUT
OUT
OUT
Name
Description
FB Feedback pin
EN
Enable input, it is pull-high typically. Drive
EN high or floating to turn on the regulator,
driver it low to turn it off.
VCC IC power supply pin
OUT Output Voltage pin
GND Ground pin
ORDER/MARKING INFORMATION
Order Information
AX1205 X X
Package
S : SOP-8L
Packing
Blank : Tube
A : Taping
Top Marking
ADJ Version
Logo
Y
AX 1
Part number
ID code:internal
WW:01~52
Year: 18=2018
19=2019
A=2020
B=2021
C=2022
2 0 5
Y WW X
:
Z=2045
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Supply Voltage
VCC
-0.3 to 16
V
EN Pin Voltage
VEN
-0.3 to 7
V
FB Pin Voltage
VFB
-0.3 to Vcc+0.3
V
Output current
Io
2.5
A
Power Dissipation
PD
1.6
W
Storage Temperature Range
TST
-65 to +150
°C
Junction Temperature Range
TJ
-40 to 125
°C
Operating Temperature Range
TOP
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com