Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2004SA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX2004SA
Description  High Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2004SA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX2004SA Datasheet HTML 1Page - AXElite technology co. ltd AX2004SA Datasheet HTML 2Page - AXElite technology co. ltd AX2004SA Datasheet HTML 3Page - AXElite technology co. ltd AX2004SA Datasheet HTML 4Page - AXElite technology co. ltd AX2004SA Datasheet HTML 5Page - AXElite technology co. ltd AX2004SA Datasheet HTML 6Page - AXElite technology co. ltd AX2004SA Datasheet HTML 7Page - AXElite technology co. ltd AX2004SA Datasheet HTML 8Page - AXElite technology co. ltd AX2004SA Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.23, 2019
AX2004
ELECTRICAL CHARACTERISTICS
(VCC = 12V, TA = 25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Unit
VCC input voltage
VCC
RSET = 20Ω
4
-
24
V
Quiescent Current
ICCQ
LED open, IOUT=0mA
-
1.5
3
mA
SET Voltage
VSET
VCC-VLED > 2.5V
204 210 216 mV
Dropout Voltage
PVCC - VSET VSET=2%VSET; RSET = 1Ω
-
0.2 0.5
V
Output Current limit
CL
1.2
-
-
A
Dimming Frequency
FDIM
-
-
2
KHZ
Comp Current
ICOMP
VCOMP = 0V, VCC = 12V
-
80 120 μA
Shutdown Current
IVCC-SD
VCOMP = 0V
-
1
2
mA
IPVCC-SD
-
-
1
μA
Shutdown voltage
VSD
-
-
0.8
V
Thermal shutdown
TSD
-
150
-
°C
Thermal Shutdown Hysteresis
TSH
-
40
-
°C
APPLICATION CIRCUIT
RSET
0.6Ω
PVCC
SET
1µF
GND
VCC
COMP/SD
3.3nF
C1
C2
VIN=12V
LED
Dimming
/SD
1uF
R1
10KΩ
ILED =
SET
SET
R
V
, VSET = 0.21V
PD = (12V – VLED) × ILED
0.2Ω ≦ RSET ≦ 1K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com