Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2004F5 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX2004F5
Description  High Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2004F5 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX2004F5 Datasheet HTML 1Page - AXElite technology co. ltd AX2004F5 Datasheet HTML 2Page - AXElite technology co. ltd AX2004F5 Datasheet HTML 3Page - AXElite technology co. ltd AX2004F5 Datasheet HTML 4Page - AXElite technology co. ltd AX2004F5 Datasheet HTML 5Page - AXElite technology co. ltd AX2004F5 Datasheet HTML 6Page - AXElite technology co. ltd AX2004F5 Datasheet HTML 7Page - AXElite technology co. ltd AX2004F5 Datasheet HTML 8Page - AXElite technology co. ltd AX2004F5 Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.23, 2019
AX2004
TYPICAL CHARACTERISTICS
Vcc vs. Icc
1
1.02
1.04
1.06
1.08
1.1
1.12
1.14
1.16
4
5
8
12
16
20
24
Vcc (V)
Vcc vs. VSET
0.18
0.19
0.2
0.21
0.22
0.23
0.24
4
5
8
12
16
20
24
Vcc (V)
ILED vs. VSET
0.19
0.195
0.2
0.205
0.21
0.215
0.22
20
40
100 200
300 500 700 1000
Iout (mA)
IOUT vs. Vdrop
30
80
130
180
230
280
330
100
200
300
500
700
1000
IOUT (mA)
ILED vs. Icc
1
2
3
4
5
6
100
200
300
500
700
1000
Iout (mA)
Termperature vs. VSET
0.19
0.195
0.2
0.205
0.21
0.215
0.22
-40℃ -20℃ 0℃ 25℃ 50℃ 85℃ 105℃ 125℃
Temperature
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com