Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1201SA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX1201SA
Description  1A Ultra Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1201SA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX1201SA Datasheet HTML 1Page - AXElite technology co. ltd AX1201SA Datasheet HTML 2Page - AXElite technology co. ltd AX1201SA Datasheet HTML 3Page - AXElite technology co. ltd AX1201SA Datasheet HTML 4Page - AXElite technology co. ltd AX1201SA Datasheet HTML 5Page - AXElite technology co. ltd AX1201SA Datasheet HTML 6Page - AXElite technology co. ltd AX1201SA Datasheet HTML 7Page - AXElite technology co. ltd AX1201SA Datasheet HTML 8Page - AXElite technology co. ltd AX1201SA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Sep.20, 2019
AX1201
PIN ASSIGNMENT
The packages of AX1201 are SOP-8L and TDFN-8L; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
GND
EN
SOP-8L
AX1201
Vcc
FB
OUT
OUT
OUT
OUT
Name
Description
FB
Feedback pin
EN
Enable input, it is pull-high typically.
Drive EN high or floating to turn on
the regulator, driver it low to turn it
off.
VCC
IC power supply pin
OUT
Output Voltage pin
GND Ground pin
TDFN-8L (3*3)
1
2
3
4
5
6
7
8
OUT
(OUT)
OUT
OUT
OUT
GND
EN
VCC
FB
ORDER/ MARKING INFORMATION
Order Information
Top Marking (TDFN-8L 3*3)
AX1201 XX XX X
Package
Vout
S : SOP-8L
J8:TDFN-8L (3*3)
Blank : Adj
50 = 5.0V
90 = 9.0V
12 = 12V
Packing
Blank : Tube
A : Taping
Y Y W W X
1
Part number
ID code: internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
2 0 1
:
45=2045
Top Marking (SOP-8L)
Top Marking (SOP-8L)
ADJ Version
Logo
Y
AX 1
Part number
ID code:internal
WW:01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
2 0 1
Y WW X
:
45=2045
FIXED Version
Logo
1
Y
AX
Part number
ID code:internal
WW:01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
Output voltage
- X X
2 0 1
Y W W X
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com