Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR8043 Datasheet(PDF) 4 Page - Solid State Inc

Part # STR8043
Description  High Blocking Voltage (400V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

STR8043 Datasheet(HTML) 4 Page - Solid State Inc

  STR8043 Datasheet HTML 1Page - Solid State Inc STR8043 Datasheet HTML 2Page - Solid State Inc STR8043 Datasheet HTML 3Page - Solid State Inc STR8043 Datasheet HTML 4Page - Solid State Inc STR8043 Datasheet HTML 5Page - Solid State Inc STR8043 Datasheet HTML 6Page - Solid State Inc STR8043 Datasheet HTML 7Page - Solid State Inc STR8043 Datasheet HTML 8Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STR8043
Random Phase
400V / 1.2A
AC Solid State Relay
Process
Step
Description
Parameter
A
Preheat Start Temperature (ºC)
150ºC
B
Preheat Finish Temperature (ºC)
180ºC
C
Preheat Time (s)
90 - 120s
D
Melting Temperature (ºC)
230ºC
E
Time above Melting Temperature (s)
30s
F
Peak Temperature, at Terminal (ºC)
260ºC
G
Dwell Time at Peak Temperature (s)
10s
H
Cool-down (ºC/s)
<6ºC/s
STR8043 Solder Temperature Profile Recommendations
(1) Infrared Reflow:
Refer to the following figure as an example of an optimal temperature profile for single occurrence infrared reflow.
Soldering process should not exceed temperature or time limits expressed herein. Surface temperature of device
package should not exceed 250ºC:
A
B
C
D
F
E
G
H
(2) Wave Solder:
(3) Hand Solder:
Maximum Temperature:
260ºC
(at terminal)
Maximum Time:
10s
Pre-heating:
100 - 150ºC (30 - 90s)
Single Occurrence
Maximum Temperature:
350ºC
(at tip of soldering iron)
Maximum Time:
3s
Single Occurrence
Figure 1
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 8
STR8043 H/S/TR
Rev 2.10 (09/26/2014)
002166



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com