Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS100 Datasheet(PDF) 4 Page - Solid State Inc

Part # STS100
Description  Telecom switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

STS100 Datasheet(HTML) 4 Page - Solid State Inc

  STS100 Datasheet HTML 1Page - Solid State Inc STS100 Datasheet HTML 2Page - Solid State Inc STS100 Datasheet HTML 3Page - Solid State Inc STS100 Datasheet HTML 4Page - Solid State Inc STS100 Datasheet HTML 5Page - Solid State Inc STS100 Datasheet HTML 6Page - Solid State Inc STS100 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STS100
Multifunction
Telecommunications Switch
www.ssousa.com • +1.408.293.4600
Page 4 of 7
STS100
rev 1.4
4 (2/4/2011)
© 20
11 Solid State Optronics • San José, CA
STS100 - OPTOCOUPLER PORTION
Forward Current vs. Ambient Temperature
N = 100, Ambient Temperature = 25°C
STS100 - OPTOCOUPLER PORTION
Diode Power Dissipation vs. Ambient Temperture
N = 100, Ambient Temperature = 25°C
STS100 - OPTOCOUPLER PORTION
Collector Power Dissipation vs. Ambient Temperature
N = 100
STS100 - OPTOCOUPLER PORTION
Total Power Dissipation vs. Ambient Temperature
N = 100
STS100 - OPTOCOUPLER PORTION
Peak Forward Current vs. Duty Ratio
N = 100, Ambient Temperature = 25°C
STS100 - OPTOCOUPLER PORTION
Forward Current vs. Forward Voltage
N = 100, Ambient Temperature = 25°C
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Forward voltage VF (V)
Duty ratio



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com