Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6618ESA Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX6618ESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6618ESA Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX6618ESA Datasheet HTML 2Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 3Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 4Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 5Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 6Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 7Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 8Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 9Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.0 Nov.21 2011
AX6618
FUNCTION PIN DESCRIPTIONS
FB
Connecting this pin to an external resistor divider receives the feedback voltage of
the regulator. The output voltage set by the resistor divider is determined by:
)
V
)(
2
R
1
R
+
1
(
×
5
.
0
=
V
OUT
Where R1 is connected from VOUT to FB with Kelvin sensing and R2 is connected
from FB to GND. A bypass capacitor may be connected with R1in parallel to improve load
transient response. The recommended R1 are in the range of 150K~220K.
VIN
Main supply input pins for power conversions. The voltage at this pin is monitored
for Power-On Reset purpose.
VCNTL
Power input pin of the control circuitry. Connecting this pin to a +5V (recommended)
supply voltage provides the bias for the control circuitry. The voltage at this pin is
monitored for Power-On Reset purpose.
POK
Power-OK signal output pin. This pin is an open-drain output used to indicate status
of output voltage by sensing FB voltage. This pin is pulled low when the rising FB voltage
is not above the VPOK threshold or the falling FB voltage is below the VPOK threshold,
indicating the output is not OK.
EN
Enable control pin. Pulling and holding this pin below 0.4V shuts down the output.
When re-enabled, the IC undergoes a new soft-start cycle. Left this pin open, this pin is
internal pulled up to VCNTL voltage, enabling the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com