Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS700 Datasheet(PDF) 4 Page - Solid State Inc

Part # STS700
Description  Miniature 16pin SOIC package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

STS700 Datasheet(HTML) 4 Page - Solid State Inc

  STS700 Datasheet HTML 1Page - Solid State Inc STS700 Datasheet HTML 2Page - Solid State Inc STS700 Datasheet HTML 3Page - Solid State Inc STS700 Datasheet HTML 4Page - Solid State Inc STS700 Datasheet HTML 5Page - Solid State Inc STS700 Datasheet HTML 6Page - Solid State Inc STS700 Datasheet HTML 7Page - Solid State Inc STS700 Datasheet HTML 8Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STS700
Multifunction
Telecommunications Switch
PERFORMANCE DATA
0
10
20
30
40
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
Turn-On Tim e (m s)
STS700
- RELAY PORTION
0
10
20
30
40
0
0.04 0.08 0.12 0.16 0.2 0.24 0.28
Turn-Off Tim e (m s)
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
STS700
- RELAY PORTION
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
15
16
17
18
19
20
21
22
On-Resistance (ohm s)
STS700
- RELAY PORTION
0
10
20
30
40
50
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
STS700
- RELAY PORTION
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
400 410 420 430 440 450 460 470
Blocking Voltage (V)
STS700
- RELAY PORTION
0
50
100
150
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
STS700
- RELAY PORTION
Maximum Load Current vs. Temperature
www.ssousa.com • +1.408.293.4600
Page 4 of 8
STS700
rev 1.42 (
6/12/2008)
© 2008 Solid State Optronics • San José, CA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com