Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE720 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NE720
Description  High sensitivity & reliability.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NE720 Datasheet(HTML) 2 Page - DB Lectro Inc

  NE720 Datasheet HTML 1Page - DB Lectro Inc NE720 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Magnet latching relay.
High sensitivity & reliability.
Well anti-shock and anti-vibration.
Heavy contact load.
NE720
Ordering Information
NE720 A
Z
DC12V
1
2
3
4
1 Part number
NE720
2 Contact arrangement
A:1A
B:1B
3 Enclosure
Z: Dust cover
4 Coil rated voltage(V)
DC:6,12, 24
Dash
numbers
Coil
rated
voltage
VDC
Coil
resistance
10%
Switching
voltage
VDC
(<80% of
rated
voltage)
Operating
voltage
range
VDC
Coil
power
consumption
W
Operate
Time
ms
Release
Time
ms
CAUTION: 1.When latching relays are installed in equipment, the latch and reset coil should not be pulsed simultaneously.
Coil should not be pulsed with less than the nominal coil voltage and pulse width should be a minimum of three
times the specified operate time of the relay. If these conditions are not followed, it is possible for the relay to in
be the magnetically neutral position .
2.Switching voltage is for test purpose only and are no to be used as design criteria.
Coil Parameter
36
4.5
12
6
Contact Data
Contact Arrangement
1A SPSTNO
1B
SPSTNC
Contact Material
AgSnO
2
Contact Rating(resistive)
100Amax/240VAC
Max. Switching Power
23000VA(COS =1)
2300VA(COS =0.4)
Max. Switching Voltage
400VAC
Max. Switching Current:100A
Contact Resistance or Voltage drop
1m
Item 3.12 of IEC255-7
4
Operation life
Electrical
10
Item 3.30 of IEC255-7
(Rated load)
6
Mechanical
10
Item 3.31 of IEC255-7
(No load)
Pulse
magnitude
ms
2 COIL
006-4500
6
28
<4.8
4.9~10
012-4500
12
232
<9.6
9.8~20
024-4500
24
2
130
<19.2
19.7~40
1 COIL
006-2250
6
16
<4.8
4.9~10
012-2250
12
64
<9.6
9.8~20
024-2250
24
260
<19.2
19.7~40
36
2.25
12
6
Features
60
40
22
03001003498
3-1.0
0.7
5
5
19.2
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 2000V surge Voltage 2kV
Item 6 and 8 of IEC255-5
Between contact and coil
50Hz 4000V surge Voltage 12kV
Item 6 and 8 of IEC255-5
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
CQC
Load
100A/220VAC
Creepage distance
8.4mm
Addenda B of IEC255-5
22
Shock resistance
Functional 100m/s ;Survival:1000 m/s 11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
5N; 2.5N
m
IEC68-2-21 Test Ua1and Ud
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
82g
Wiring diagram
Dimensions
Mounting (Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
3).Relays shall have plus(+) or plus(+) and minus(-) signs placed on
the circuit diagram as shown.
3(-)
4(+)
2(-)
4
2(+)
3
NE720
60max.
19.2
0.7
5
5
Dimensions
14.5
44.35
60max.
2-M6
mm /inch
M0.236
2.362max.
1.746
0.039
0.027
0.197
0.197
0.756
0.571
2.362max.
0.027
0.197
0.197
0.756
Ningbo Huaguan Relay Corporation LTD.
Patent No.: 200420082274.1
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com