Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N68FAS8CDDC6VB Datasheet(PDF) 3 Page - DB Lectro Inc

Part # N68FAS8CDDC6VB
Description  Employment of suitable plastic materials to be applied to high temperature and various chemical solution
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

N68FAS8CDDC6VB Datasheet(HTML) 3 Page - DB Lectro Inc

  N68FAS8CDDC6VB Datasheet HTML 1Page - DB Lectro Inc N68FAS8CDDC6VB Datasheet HTML 2Page - DB Lectro Inc N68FAS8CDDC6VB Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
67
28.5
10.1
12.3
Slim type and small occupying area can offer high density P.C.B. technique.
Employment of suitable plastic materials to be applied to high temperature and various chemical solution.
Dielectric strength 5000V.
Creepage distance >8mm.
Ordering Information
N68F C S 8 C DC12V F
1
2
3
4
5
6
7
1 Part number
N68F
2 Contact arrangement
A:1A;C:1C
3 Enclosure
S:Sealed type
Z:Dust cover
4 Contact current
8A
5 Contact material
NIL:AgNi (Gold clad)
W:AgNi
CD:AgCdO (Gold clad)
C:AgCdO
6 Coil rated voltage(V)
DC:5,6,12,18,24,48,60
7 Resist heat class
B:130
F:155
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Operate
Time
ms
Release
Time
ms
Coil Parameter
N68F
Contact Arrangement
1A (SPSTNO
1C (SPDT(B-M))
Contact Material
Ag CdO Ag
SnO
2
Contact Rating
Resistive
8A/250VAC
30VDC
Rated
Max
Pickup
voltage
VDC (max)
(75%of rated
voltage )
Release
voltage
VDC (min)
(10% of
rated
voltage)
Coil power
consumption
W
Max. Switching Power
Resistive
300W
2500VA
Max. Switching Voltage
125VDC 380VAC
Max. Switching Current:10A
Contact Resistance or Voltage drop
100m
Item 3.12 of IEC255-7
5
Operational
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
3.Unless otherwise stated, the rated coil voltage specified in coil parameter table shall be used for all tests and its
application to the relay.
005-220
5
11.8
113
3.75
0.5
006-220
6
14.1
164
4.5
0.6
012-220
12
28.2
620
9.0
1.2
018-220
18
42.3
1295
13.5
1.8
024-220
24
56.4
2350
18.0
2.4
048-250
48
112.8
9600
36.0
4.8
003-250
60
141.0
12500
45.0
6.0
0.22
7
3
0.25
7
3
Features
Contact Data
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1000V
Item 6 of IEC255-5
Between contact and coil
50Hz 5000V
Item 6 of IEC255-5
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
Mounting (Bottom view)
2
Shock resistance
Functional 100m/s
11ms
2
Survival: 1000m/s
6ms
IEC68-2-27 Test Ea
2
Vibration resistance
10~500Hz double amplitude 1.5mm 200m/s
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
8.2g
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
Operation condition
N68F
6-0.4X0.8
28.5max.
7.62
10.1max.
1A
1C
3.2
2-0.5X0.5
2.5
18.9
3.2
5.08
18.9
5- 1.3
4- 1.3
Wiring diagram
(Bottom view)
1A
1C
Safety approvals
Safety approval
UL & CUR
Load
8A/250VAC,30VDC
R
C
US
E158859
Dimensions
mm /inch
1.122max.
0.398max.
0.098
0.016
0.031
0.020
0.020
0.300
0.126
0.744
0.051
0.126
0.051
0.744
0.200
Ningbo Huaguan Relay Corporation LTD.
Patent NO.:03209705.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com