Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG6D Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NG6D
Description  Low coil power consumption 0.2W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG6D Datasheet(HTML) 2 Page - DB Lectro Inc

  NG6D Datasheet HTML 1Page - DB Lectro Inc NG6D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
17.5
6.5
12.5
NG6D
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Features
Operate
Time
ms
Release
Time
ms
Rated
Max.
Coil Parameter
Coil power
consumption
W
0.2
10
5
Small size,light weight.
PC board mounting
Low coil power consumption 0.2W.
Suitable for household electrical appliances, automation system, electronic equipment, instrument, meter,
telecommunication facilities and remote control facilities.
NG6D A DC12V
1
2
3
1 Part number
NG6D
2 Contact arrangement
A:1A
3 Coil rated voltage (V)
DC:5,12,24
Contact Arrangement
Contact Material
Contact Rating (resistive)
Max. Switching Power
Max. Switching Voltage
Contact Data
Contact Resistance or Voltage drop
Operational
Electrical
life
Mechanical
1A (SPSTNO)
Silver Alloy
5A/30VDC,250VAC
150W
1250VA
min Switching load:10mA/5V
30VDC 250VAC
Max. Switching Current:5A
100m
Item 3.12 of IEC255-7
5
10
Item 3.30 of IEC255-7
7
2
10
Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not
recommended for subsequent use in low level applications.
005-200
012-200
024-200
5
12
24
6.5
15.6
31.2
125
720
2880
3.5
8.4
16.8
0.5
1.2
2.4
E158859
Dash
numbers
Rated
voltage
VDC
Coil
resistance
10%
Pickup
voltage
V (max)
70%of rated
Volt
Release
voltage
VDC (min)
10%of rated
Volt
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
Shock resistance
IEC68-2-27 Test Ea
Vibration resistance
IEC68-2-6 Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
Relative Humidity
20% ~85% (at40
)
IEC68-2-3Test Ca
Mass
3g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
10~50Hz Functional & Survival double amplitude 1.5mm
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Mounting (Bottom view)
Dimensions
Wiring diagram
(Bottom view)
NG6D
50Hz 750V
50Hz 3000V surge voltage:6kV
Item 6 of IEC255-5
Item 6 and 8 of IEC255-5
22
Functional:100m/s 11ms Survival:1000m/s 6ms
0.5
17.5max.
2-0.5
2-0.8
2.54
1.13
5.08
7.62
6.5max.
5.08
4-0.3
2.54
0.1
4- 1.3
0.043
0.020
0.689max.
0.020
0.031
0.200
0.300
0.1
0.044
0.200
0.244max.
0.012
mm /inch
Safety approvals
Safety approval
UL & CUR
Load
5A/250VAC,30VDC
Patent NO.: 200420081938.2
Ningbo Huauan Relay Corporation LTD.
R
C
US
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com