Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG4UCS10DC6V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NG4UCS10DC6V
Description  Used in household appliances like air conditioning
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG4UCS10DC6V Datasheet(HTML) 2 Page - DB Lectro Inc

  NG4UCS10DC6V Datasheet HTML 1Page - DB Lectro Inc NG4UCS10DC6V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
22.5
12.5
19
Can be welded directly onto PCB.
Used in household appliances like air conditioning , heater and instruments etc.
Ordering Information
NG4U C S 10 DC12V
1
2
3
4
5
1 Part number
NG4U
2 Contact arrangement
A:1A
C:1C
3 Enclosure
S:Sealed type
Z:Dust cover
4 Contact current
5A,10A
5 Coil rated voltage(V)
DC:6,12,24
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75% of rated
voltage)
Release
voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Coil Parameter
NG4U
0.36
10
5
Contact Data
Contact Arrangement
1A (SPSTNO)
1C (SPDT(B-M))
Contact Material
AgCdO AgSnO
2
Contact Rating (resistive)
5A,10A/125VAC,28VDC
Max. Switching Power
280W 1250VA
Max. Switching Voltage
30VDC 220VAC
Max. Switching Current:10A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operational
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
006-360
6
7.8
100
4.2
0.6
012-360
12
15.6
400
8.4
1.2
024-360
24
31.2
1600
16.8
2.4
R2133923
E160644
Features
R
C
US
Operation condition
Insulation Resistance
250M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 750V
Item 6 of IEC255-5
Between contact and coil
50Hz 2000V surge voltage 4kV
Item 6 and item 8 of IEC255-5
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Wiring diagram
(Bottom view)
Dimensions
Mounting (Bottom view)
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
8.6g
Safety approvals
Safety approval
UL& C UR
T V
Load
10A/125VAC 5A/250VAC
5A/250VAC;28VDC
1
0.16
12.5max.
4-1
0.4
3.75
22.5max.
1A
1C
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
NG4U
5- 1.3
5
15
U
Dimensions
mm /inch
0.886max.
0.492max.
0.148
0.039
0.016
0.039
0.006
0.591
0.197
0.051
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com