Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG8ND Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NG8ND
Description  Suitable for household electrical appliances, automation system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG8ND Datasheet(HTML) 2 Page - DB Lectro Inc

  NG8ND Datasheet HTML 1Page - DB Lectro Inc NG8ND Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact size.
DPDP(B-M) contacts with internal H-bridge.
Switching capacity up to 25A motor lock load.
High performance PCB relay.
Suitable for household electrical appliances, automation system.
Ordering Information
1 Part number
NG8ND
2 Sensitivity
2:Standard
2S:High sensitivity
2L:High temperature
105
2H:High temperature/High sensitivity
3 Contact arrangement
C:2
1C (H-Bridge)
4 Coil rated voltage(V)
DC:12
5 Coil power consumption
0.64:0.64W
0.80:0.80W
Contact Data
Contact Arrangement
2 1C
DPDT(B-M)
(H-Bridge)
Contact Material
AgSnO
2
Contact Current
25A motor lock (14VDC)
Max. Switching Power
480W
Max. Switching Voltage
16VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
250mV (at 10A
Item 3.12 of IEC255-7
5
Operation life
Electrical
10
Item 3.30 of IEC255-7
6
Mechanical
10
Item 3.31 of IEC255-7
Model
Coil voltage
VDC
Coil resistance
10%
Pickup
voltage
VDC(max)
Release
voltage
VDC(min)
(8.3% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Coil Parameter
NG8ND
NG8ND
2S
C
DC12V
0.80
1
2
3
4
5
2
12
16
225
7.2
1.0
0.64
2S
12
16
180
6.5
1.0
0.80
2L
12
16
225
7.2
1.0
0.64
2H
12
16
180
6.5
1.0
0.80
10
5
Features
14.5
14.1
14.0
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 500V
Item 6 of IEC255-5
Between contact and coil
50Hz 500V
Item 6 of IEC255-5
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
Dimensions
Shock resistance
2
Survival 1000m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10Hz~500Hz Function&Survival
2
Acceleration:45m/s
IEC68-2-6 Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~105
Relative Humidity
85% (at 40
)
IEC68-2-3 Test Ca
Mass
7.5g
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
NG8ND
2
Function 100m/s
11ms
1
2
3
4
8
7
6
5
Mounting (Bottom view)
Wiring diagram
(Bottom view)
mm /inch
14.5
14.1
2-1.2X0.3
4-0.6x0.3
2-1.2x0.3
8.4
3
1.5
4-? 1.6
4-? 1
0.563max.
Max.
0.039
0.047
0.012
0.047
0.012
0.024
0.012
0.059
0.063
0.331
0.118
0.555max.
Max.
167
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com