Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72682R21 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST72682R21
Description  USB 2.0 high-speed Flash drive controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72682R21 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST72682R21 Datasheet HTML 23Page - STMicroelectronics ST72682R21 Datasheet HTML 24Page - STMicroelectronics ST72682R21 Datasheet HTML 25Page - STMicroelectronics ST72682R21 Datasheet HTML 26Page - STMicroelectronics ST72682R21 Datasheet HTML 27Page - STMicroelectronics ST72682R21 Datasheet HTML 28Page - STMicroelectronics ST72682R21 Datasheet HTML 29Page - STMicroelectronics ST72682R21 Datasheet HTML 30Page - STMicroelectronics ST72682R21 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ST72682
Electrical characteristics
27/36
7.7.2
Output driving current
Subject to general operating conditions for VDD33, fOSC, and TA unless otherwise specified.
Table 21.
Output driving current
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section Table 9. and
the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for a D2 I/O pin
when 8 pins are sunk at same time
(see Figure )
IIO=2mA
300
mV
Output low level voltage for a D4 I/O pin
when 8 pins are sunk at same time
(see Figure 12)
IIO=4mA
400
Output low level voltage for a D8 I/O pin
when 8 pins are sunk at same time
(see Figure 13)
IIO=8mA
500
VDD33-
VOH
(2)
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section Table 9.
and the sum of IIO (I/O ports and control pins) must not exceed IVDD33. True open drain I/O pins does not
have VOH.
Output high level voltage for a D2 I/O pin
when 8 pins are sourced at same time
(see and Figure 14)
IIO=2mA
600
mV
Output high level voltage for a D4 I/O pin
when 8 pins are sourced at same time
(see Figure 15)
IIO=4mA
600
Output high level voltage for a D8 I/O pin
when 8 pins are sourced at same time
(see Figure 16)
IIO=8mA
600
Figure 11.
Typical VOL at VDD33=3.3 V (I/O D2) Figure 12. Typical VOL at VDD33=3.3 V (I/O D4)
V O L I/ Os D 2 at V D D =3 .3 V
0
50
100
150
01
2
3
4
IO L (m A )
VOL I/ Os D4 a t VDD=3.3 V
0
50
100
150
0246
IOL ( mA )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com